Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C59A-2JS Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 22Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 23Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 24Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(13) Special Mask Mode
In some applications, there is a need for dynamic updating of the system’s priority level
structure by software control during execution of an interrupt service routine. For
example, it may be necessary to inhibit the lower priority requests for part of the execution
of a certain routine while enabling for another part. In this case, it is difficult to enable all
lower priority requests if the IS bit has not yet been reset by the EOI command after an
interrupt request has been acknowledge (during execution of a service routine). All of
these requests would normally be disabled.
Hence the use of the Special Mask mode. When a mask bit is set by OCW1 in this mode,
the corresponding interrupt level requests are disabled. And all other unmasked level
requests (at both higher and lower priority levels) are enabled. Interrupts can thus be
enabled selectively by loading the mask register.
In this mode, the specific EOI Command should be used.
This Special Mask mode is set by OCW3 ESMM = 1 and SMM = 1, and reset by ESMM =
1 and SMM = 0.
(14) POLL Command
In this mode, the INT output is not used, the internal interrupt enable F/F of the
microprocessor is reset, and interrupt inputs are disabled. Servicing the I/O device is
executed by software using the Poll command.
The Poll command is issued by setting P in OCW3 to “1”. The MSM82C59A-2 regards the
next RD pulse as reception of an interrupt, and if there is a request, the corresponding IS
bit is set and the priority level is read out. Interrupts are frozen between WR and RD.
This mode is useful when there is a command routine for a number of levels, and the INTA
sequence is not required. ROM space can thus be saved.
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
W2 W1 W0
Poll Word
W0 thru W2:
1:
Binary coded highest priority level of service
being requested.
Set to "1" when there is an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com