Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C59A-2JS Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 22Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 23Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 24Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 25Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(15) Reading MSM82C59A-2 Status
The status of a number of internal registers can be read out for updating user information
on the system. The following registers can be read by means of OCW3 (IRR and ISR) and
OCW1 (IMR).
a. IRR: (Interrupt Request Register) 8-bit register for storing interrupt requesting levels.
b. ISR: (In-Service Register) 8-bit register for storing priority levels being serviced.
c. IMR: (Interrupt Mask Register) 8-bit register for storing interrupt request lines to be
masked.
The IRR can be read when a Read Register Command is issued with OCW3 (RR = 1 and
RIS = 0) prior to the RD pulse, and the ISR can be read when a Read Register command is
issued with OCW3 (RR = 1 and RIS = 1) prior to the RD pulse. And as long as the read status
does not change, OCW3 is not required each time before the status is read. This is because
the MSM82C59A-2 remembers whether IRR or ISR was selected by the previous OCW3.
But this is not true when poll is used.
The MSM82C59A-2 is set to IRR after initialization. OCW3 is not required to read IMR.
IMR is issued to the data bus if RD = 0 and A0 = 1 (OCW1).
Reading status is disabled by polling when P = 1 and RR = 1 in OCW3.
(16) Edge and Level Trigger Mode
This mode is programmed by using bit 3 (LTIM) in ICW1. When LTIM = 0, the interrupt
request is recognized by the IR input transition from Low to High. As long as the IR input
is kept at High, no other interrupt is generated. Since interrupt requests are recognized
by the IR input “H” level when LTIM = 1, edge detection is not required.
The interrupt request must be cancelled before output of the EOI command, and before the
interrupt is enabled in order to prevent the generation of a second interrupt by the CPU.
The IR input must be held at High level until the falling edge of the first INTA pulse,
irrespective of whether edge sense or level sense is employed. If the IR input is switched
to Low level before the first INTA pulse, the default IR7 is generated when the interrupt
is acknowledged by the CPU. This can be an effective safeguard to be adopted to detect
interrupts generated by the noise glitches on the IR inputs. To take advantage of this
feature, the IR7 routine is used as a “clean up” routine where the routine is simply
executing a return instruction and the interrupt is subsequently ignored. When the IR7 is
required for other purposes, the default IR7 can be detected by reading the ISR. Although
correct IR7 interrupts involve setting of the corresponding ISR bit, the default IR7 is not
set.
IR7 routine
IS7=1?
IR7 service
processing
EOI
No
Yes
RETURN
(IR noise
detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com