Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C59A-2JS Datasheet(PDF) 23 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 23 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 22Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 23Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 24Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 25Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 26Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
(17) Special Fully Nested Mode
This mode is used in large systems where the cascade mode is used and the respective
Interrupt Requests within each slave have to be given priority levels. In this case, the
Special Fully Nested mode is programmed to the master by using ICW4. This mode is
practically identical to the normal Fully Nested mode, but differs in the following two
respects.
a. When an interrupt request is received from a particular slave during servicing, a new
interrupt request from an IR with a higher priority level than the interrupt level of the
slave being serviced is recognized by the master and the interrupt is applied to the
processor without the master priority logic being inhibited by the slave. In normal
Fully Nested mode, if the request is in service, a slave is masked and no other requests
can be recognized from the same slave.
b. When exiting from an interrupt service routine, it is first necessary to check whether
or not the interrupt which has just been serviced by soft ware was the only interrupt
from that slave. This is done by sending a Non-Specific EOI command to that slave,
followed by reading of the In-Service Register (ISR) to see whether that register has
become all ‘0’. A Non-Specific EOI is sent to the master too if the ISR is empty, and if
not no EOI should be sent.
(18) Buffered Mode
Control for buffer enabling is required when the MSM82C59A-2 is used in a large system
where a data bus drive buffer is needed and cascade mode is used. When buffered mode
is selected, the MSM82C59A-2 sends an enable signal on the SP/EN pin to enable the
buffer. In this mode, the SP/EN output always becomes active while the MSM82C59A-
2’s data bus output is enabled. Therefore, the MSM82C59A-2 requires programming to
enable it to distinguish master from slave. Buffered mode is programmed by bit 3 in ICW4,
and the ability to distinguish master from slave is programmed by bit 2 in ICW4.
(19) Cascade Mode
To enable the MSM82C59A-2 to handle up to 64 priority levels, a maximum of 8 slaves can
be easily connected to one master device.
The master controls the slaves through three cascade lines, the cascade bus executes like
a slave chip select during the INTA sequence.
In cascade configuration, slave interrupt outputs (INT) are connected to master interrupt
request inputs (IR). When a slave IR becomes active and is acknowledged, the master
enables the corresponding slave to release the routine address for that device during bytes
2 and 3 (only byte 2 in 86 mode) of the INTA sequence.
The cascade bus line is normally kept at low level, and holds the slave address during the
period from the rising edge of the first INTA pulse up to the rising edge of the thirdINTA
pulse (or the second INTA pulse in 86 mode).
Each MSM82C59A-2 device in the system can operate in different modes in accordance
with their initialization sequences. EOI commands must be issued twice, once for the
master once for the corresponding slave. Each MSM82C59A-2 requires an address
decoder to activate the respective chip select (CS) inputs.
Since the cascade line is normally kept at low level, note that slaves must be connected to
the master IR0 only after all slaves have been connected to the other IRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com