Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C59A-2JS Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM82C59A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
PIN FUNCTION DESCRIPTION
D7 - D0
Name
Bidirectional
Data Bus
Input/Output
Pin Symbol
Input/Output
Function
RD
Read Input
Input
WR
Write Input
Input
A0
Address
Input
Input
CAS0 - 2
Cascade
Address
Input/Output
SP/EN
Slave Program
Input/Enable
Buffer Output
Input/Output
This 3-state 8-bit bidirectional data bus is used in reading status
registers and writing command words through the RD/WR signal
from the CPU, and also in reading the CALL instruction code by the
INTA signal from the CPU.
CS
Chip Select
Input
Input
Data transfer with the CPU is enabled by RD/WR when this pin is at
low level. The data bus (D0 thru D7) is switched to high impedance
when the pin is at high level. Note that CS does not effect INTA.
Data is transferred from the MSM82C59A-2 to the CPU when this pin
is at low level. IRR (Interrupt Request Register), ISR (In-Service
Register), IMR (Interrupt Mask Register), or a Poll word is selected
by OCW3 and A0.
Commands are transferred from the CPU to the MSM82C59A-2 when
this pin is at low level.
This pin is used together with the CS, WR, and RD signals to write
commands in the command registers, and to select and read status
registers. This is normally connected to the least significant bit of the
address bus. (A0 for MSM80C85AH, A1 for MSM80C86A-10/88A-10).
These pins are outputs when the MSM82C59A-2 is used as the
master, and inputs when used as a slave (in cascade mode). These
pins are outputs when in single mode.
This dual function pin is used as an output to enable the data bus
buffer in Buffered mode, and as an input for deciding whether the
MSM82C59A-2 is to be master (SP/EN = 1) or slave (SP/EN =0)
during Non-buffered mode.
INT
Interrupt
Output
Output
When an interrupt request is made to the MSM82C59A-2, the INT
output is switched to high level, and INT interrupt is sent to the CPU.
When this pin is at low level, the CALL instruction code or the
interrupt vector data is enabled onto the data bus. When the CPU
acknowledges the INT interrupt, INTA is sent to the MSM82C59A-2.
(Interrupt acknowledge sequence).
These interrupt request input pins for the MSM82C59A-2 can be set
to edge trigger mode or level trigger mode ( by ICW1). In edge trigger
mode, interrupt request is executed by the rising edge of the IR input
and holds it until that input is acknowledged by the CPU. In level
trigger mode, interrupt requests are executed by high level IR inputs
and holds them until that input is acknowledged by the CPU. These
pins have a pull up resistor.
INTA
Interrupt
Acknowledge
Input
Input
IR0 - 7
Request
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com