Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C59A-2JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM82C59A-2JS
Description  PROGRAMMABLE INTERRUPT CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C59A-2JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM82C59A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C59A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
¡ Semiconductor
MSM82C59A-2RS/GS/JS
AC CHARACTERISTICS
AC Test Circuits
Test Point
C1*
R2
Output from
Device under Test
V1
R1
* Includes Stray and Jig Capacitance
R1
1
1.7 V 523 W Open
Test Condition
R2
V1
2
4.5 V 1.8k W 1.8k W
100 pF
C1
30 pF
Test Condition Definition Table
VIH+0.4 V
Input
Output
VIL–0.4 V
1.5V
1.5 V
VOH
VOL
A. C. Testing: All input signals must switch between
VIL–0.4 V and VIH+0.4 V.
TR and TF must be less than of equal to 15 ns.
A.C. Testing Input, Output Waveform
Min.
Max.
Address Setup Time (to RD)
tAHRL
10
—ns
Address Hold Time (after RD)
tRHAX
5
—ns
Parameter
Unit
Symbol
TEST Conditions
RD/INTA Pulse Width
tRLRH
160
—ns
Address Setup Time (to WR)
tAHWL
0
—ns
WR Pulse Width
tWLWH
190
—ns
Data Setup Time (to WR)
tDVWH
160
—ns
Data Hold Time (after WR)
tWHDX
0
—ns
IR Input Width(Low)
tJLJH
100
—ns
tCVIAL
40
—ns
tRHRL
160
—ns
End of RD to Next RD
End of INTA to Next INTA
End of WR to Next WR
tWHWL
190
—ns
End of Command to Next Command
tCHCL
400
—ns
Data Valid Following RD/ INTA
tRLDV
—
120
ns
Data Floating Following RD/ INTA
tRHDZ
10
85
ns
INT Output Delay Time
tJHIH
—
300
ns
CAS Valid Following 1 st. INTA (master)
tIALCV
—
360
ns
EN Active Following RD/INTA
tRLEL
—
100
ns
EN Inactive Following RD/ INTA
tRHEH
—
150
ns
Data Valid after Address
tAHDV
—
200
ns
Data Valid after CAS
tCVDV
—
200
ns
Ta = –40°C - +85°C, VCC = 5 V ± 10%
Address Hold Time (after WR)
tWHAX
0—
CAS Input Setup Time (to INTA) (Slave)
Read INTA timing
Write timing
INTA sequence
Other timing
Delay times
1
2
1
1
1
1
1
—
—
—
—
—
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com