Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5502 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP5502
Description  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Absolute Maximum Ratings
● VDD to GND ---------------------------------------------------------------------------------------------- -0.3V to +5.5V
● VIN and VO to GND ------------------------------------------------------------------------------------- -0.3V to +(0.3V +VDD)
● Output Current (Note 1) -------------------------------------------------------------------------------- 0mA to 400mA
● Power Dissipation @T
A=25°C, (PD)
SOT-23-6
---------------------------------------------------------------------------------------- 400mW
● Package Thermal Resistance, (θ
JA):
SOT-23-6
---------------------------------------------------------------------------------------- +250°C/W
● Junction Temperature ----------------------------------------------------------------------------------- +150°C
● Storage Temperature Range -------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10sec.) ------------------------------------------------------------- 260°C
● Operating Temperature Range ----------------------------------------------------------------------- -40°C to +125°C
● ESD (Human Body Model) (Note 2) ----------------------------------------------------------------- 4000V
Note 1:Output current rating may be limited by ambient temperature and heat sinking.
Under any set of conditions, do not exceed the
specified.
Note 2:ESD caution: ESD (electrostatic discharge) sensitive device.
Electrostatic charges as high as 4000V readily accumulate on the
human body and test equipment and can discharge without detection.
Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com