Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5502 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP5502
Description  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Truth Table
VP1
VP2
VO1
VO2
Mode
Low
Low
OFF
OFF
Standby
High
Low
High
Low
Forward
Low
High
Low
High
Reverse
High
High
---
---
Keep the previous mode (Forward/ Reverse)
Truth Table Test Wave
Figure 5. Truth Table test waves
Function Description
Device Operation
FP5502 is a micro-actuator driver IC with miniature package (SOT-23-6).
It is one channel low voltage
bi-directional motor driver IC.
The design is optimal for driving different type micro-actuator, such as voice coil
motor, piezo-actuator, or other DC motor actuators.
It is suitable for camera module application or other
portable device.
MOSFET output stages substantially to reduce the voltage drop and the power dissipation of
the outputs of the FP5502 compared to typical drivers with bipolar transistors.
Internal circuit protection includes thermal shutdown with hysteresis and crossover current protection.
FP5502 is designed for portable applications with a power-off (sleep mode) current of 100nA typical, and an
operating voltage of 1.8 to 5.5.
FP5502 logic inputs are 3 to 5V logic compatible.
In conditions where the logic supply voltage drops below 1.8V, both the sink and the source voltage drop will
increase beyond the specified values.
In extreme cases, no power will be delivered to the motors.
However,
the device will not be damaged.
Sleep Mode
Pulling all inputs to 0.4V or less drives the FP5502 to sleep mode.
And it will draw 100nA typical during sleep
mode.
Thermal Shutdown
The FP5502 will disable the outputs if the junction temperature reaches 150ºC.
When it enters thermal
shutdown, after the junction temperature drops 15ºC, the outputs will be re-enabled



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com