Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5502 Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP5502
Description  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Electrical Characteristics
(Unless otherwise noted, TA=25°C & VDD=3V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
1.8
3.0
5.5
V
Supply Current
( IDD + IS )
IDD0
VVP1,VP2=0V
-
0.1
2
μA
IDD1
VVP1,VP2≠0V
-
0.10
0.2
mA
VP1 / VP2 Input Terminal
(TJ = 25°C)
Input Voltage
“H”
VIH
-
0.5*VDD
-
VDD+0.3
V
Input Voltage
“L”
VIL
-
-0.3
-
0.2*VDD
V
Input Voltage Hysteresis
VHsy
-
-
0.42
-
V
Input Curre
nt “H”
IIH
VIN = VDD
-
-
3
μA
Input Curre
nt “L”
IIL
VIN = 0 V
-
-
3
μA
VO1 / VO2 Output Terminal
(TJ = 25°C)
Output Voltage
(upper + lower)
VOUT1
IOUT = 200mA
-
0.22
0.4
V
VOUT2
IOUT = 400mA
-
0.46
0.7
V
VOUT3
VDD=1.8V,IOUT = 200mA
-
0.55
1.0
V
Thermal Protection Circuit
Protection Temperature
TTSD
VVP1,VP2=H
-
150
-
°C
Temperature Hysteresis
THsy
VVP1,VP2=H
-
25
-
°C
Typical Performance Curve
Figure 4a. VSAT VS IOUT
Figure 4b. IDD VS VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com