Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5502 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP5502
Description  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Outline Information
SOT-23-6 Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
B
0.30
0.50
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.90
1.00
e1
1.80
2.00
L
0.30
0.60
Note:Followed From JEDEC MO-178-C.
Carrier Dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com