Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP5502 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP5502
Description  Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver (Micro-actuator Driver)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP5502 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP5502 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP5502 Datasheet HTML 7Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FP5502-1.7-FEB-2014
FP5502
fitipower integrated technology lnc.
Low-saturation, Low-voltage 1 channels Bi-directional
Motor Driver (Micro-actuator Driver)
Pin Assignments
S6 Package (SOT-23-6)
(Marking)
2
1
3
6
4
5
VO2 VSS VP2
VP1
VDD
VO1
Figure 1. Pin Assignment of FP5502
Ordering Information
FP5502
□□□
TR: Tape/Reel
Blank: Tube
P: Green
C: Green
Package Type
S6: SOT-23-6
SOT-23-6 Marking
Part Number
Product Code
FP5502S6C
C4G
Description
FP5502 is a micro-actuator driver IC with miniature
package (SOT-23-6).
It is one channel low voltage
bi-directional motor driver IC.
The design is optimal
for driving different type micro-actuator, such as
voice coil motor, piezo-actuator, or other DC motor
actuators.
It is suitable for camera module
application or other portable device.
Features
Low Voltage Operation (VDD min=1.8V)
Low Saturation Voltage( Upper Transistor + Low
Transistor Residual Voltage; 0.46V typ. at 400mA)
Low Input Current
Low Operating Current, Sleep Mode with Zero
Current Drain
Crossover-Current Protection
High Output Sinking and Driving Capability
Small, Thin, Highly Reliable Package (SOT-23-6)
Thermal Shutdown Protection
RoHS Compliant
Applications
Voice Coil Motor
Piezo-actuator
Camera Module
Other DC Motor Actuator


Similar Part No. - FP5502

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP5501 FITIPOWER-FP5501 Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
FP5501CHP FITIPOWER-FP5501CHP Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
FP5501CHPTR FITIPOWER-FP5501CHPTR Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
FP5501WDP FITIPOWER-FP5501WDP Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
FP5501WDPTR FITIPOWER-FP5501WDPTR Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results

Similar Description - FP5502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD127 SITI-11-MD127 Datasheet
230Kb / 10P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
Low-saturation, Low-voltage Bi-directional Motor Driver
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
Low-saturation, Low-voltage Bi-directional Motor Driver
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
logo
Fitipower Integrated Te...
FP5501 FITIPOWER-FP5501 Datasheet
544Kb / 12P
Low-saturation, Low-voltage 2 Channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com