Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RB8 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48RB8
Description  8-Bit USB Type OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RB8 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48RB8 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH1
I/O Port Source Current for PC0
5V
VOH=3.4V
-8
-16
¾
mA
IOH2
I/O Port Source Current for PA, PB,
PC1~PC7, PD
5V
VOH=3.4V
-2
-5
¾
mA
RPH
Pull-high Resistance for PA, PB, PC, PD
5V
¾
25
50
80
k
W
RPL
Pull-low Resistance for PA1~PA5
5V
¾
15
30
45
k
W
VLVR
Low Voltage Reset
¾¾
3
3.4
4.0
V
VV33O
3.3V Regulator Output
5V
IV33O=
-5mA
3.0
3.3
3.6
V
EA/D
A/D Conversion Error
5V
Total error
¾
1
2
LSB
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
fSYS
System Clock (Crystal OSC)
5V
¾
6
¾
12
MHz
fTIMER
Timer I/P Frequency (TMR0/TMR1)
5V
¾
0
¾
12
MHz
tWDTOSC Watchdog Oscillator Period
5V
¾
15
31
70
ms
tWDT1
Watchdog Time-out Period (WDT OSC)
5V
Without WDT prescaler
4
8
16
ms
tWDT2
Watchdog Time-out Period (System Clock)
¾ Without WDT prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
tSYS
Power-up, Watchdog
Time-out from normal
¾
1024
¾
tWDTOSC
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
64
¾
tA/D
Note: tA/D=
1
f
A/D
,fA/D=A/D clock source frequencies (6MHz, 3MHz, 1.5MHz, 0.75MHz)
HT48RB8
Rev. 1.30
5
February 10, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com