Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RB8 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT48RB8
Description  8-Bit USB Type OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RB8 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT48RB8 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
HT48RB8
Rev. 1.30
22
February 10, 2003
The definitions of the USB status and control register (USC; 1AH) are as shown.
USC
Bits
R/W
Function
SUSP
0
R
Read only, USB suspend indication. When this bit is set to
²1² (set by SIE), it indi-
cates the USB bus enters suspend mode. The USB interrupt is also triggered on any
changing of this bit.
RMWK
1
W
USB remote wake up command. It is set by MCU to force the USB host leaving the
suspend mode. When this bit is set to
²1²,2ms delay for clearing this bit to ²0² is
needed to insure the RMWK command is accepted by SIE.
URST
2
R/W
USB reset indication. This bit is set/cleared by USB SIE. When the URST is set to
²1², this indicates an USB reset is occurred and an USB interrupt will be initialized.
RESUME
3
R
USB resume indication. When the USB leaves suspend mode, this bit is set to
²1²
(set by SIE). This bit will appear 20ms waiting for MCU to detect. When the RE-
SUME is set by SIE, an interrupt will be generated to wake-up the MCU. In order to
detecting the suspend state, MCU should set USBCKEN and SUSP2 (in SCC regis-
ter) to enable the SIE detecting function. The RESUME will be cleared while the
SUSP is going
²0². When MCU is detecting the SUSP, the RESUME (causes MCU
to wake-up) should be remembered and token into consideration.
¾
4
R
Undefined bit
¾
5
R
Undefined bit
¾
6W
This bit should be set as
²1²
¾
7W
Data for driving USBD+/CLK pin when work under 3D PS2 mouse function.
(Default=
²1²) This bit should be set as ²1²
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
A/D converter operation modes. The endpoint request flags (EP0IF, EP1IF, EP2IF and EP3IF) are used to indicate
which endpoints are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the
USB interrupt will occur (if USB interrupt is enabled and the stack is not full). When the active endpoint request flag is
served, the endpoint request flag has to be cleared to
²0².
USR
Bits
R/W
Function
EP0IF
0
R/W
When this bit is set to
²1² (set by SIE), it indicates the endpoint 0 is accessed and an
USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
EP1IF
1
R/W
When this bit is set to
²1² (set by SIE), it indicates the endpoint 1 is accessed and an
USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
EP2IF
2
R/W
When this bit is set to
²1² (set by SIE), it indicates the endpoint 2 is accessed and an
USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
EP3IF
3
R/W
When this bit is set to
²1² (set by SIE), it indicates the endpoint 3 is accessed and an
USB interrupt will occur. When the interrupt has been served, this bit should be
cleared by firmware.
¾
4
R/W This bit should be forced to
²0².
¾
5
R/W This bit should be set as
²1².
ADREF
6
R/W
The reference voltage of A/D converter is coming from the VDD and VSS of MCU
when this bit is set
²1². Otherwise, the reference voltage of A/D converter comes
from external PB6/VRL and PB7/VRH pins. (Default=
²1²)
FIFO-cntl
7
W
For ICE only, 0 for FIFO read (Default=
²0²); 1 for FIFO write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com