Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RB8 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT48RB8
Description  8-Bit USB Type OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RB8 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT48RB8 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Package Information
28-pin SOP (300mil) Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
394
¾
419
B
290
¾
300
C14
¾
20
C
¢
697
¾
713
D92
¾
104
E
¾
50
¾
F4
¾¾
G32
¾
38
H4
¾
12
a
0
°¾
10
°
HT48RB8
Rev. 1.30
40
February 10, 2003
2 8
1
1 5
1 4
A
B
C
D
.
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com