Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RB8 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48RB8
Description  8-Bit USB Type OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RB8 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48RB8 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT48RB8
Rev. 1.30
21
February 10, 2003
MISC register combines a command and status to control desired endpoint FIFO action and to show the status of
wanted endpoint FIFO. The MISC will be cleared by USB reset signal.
MISC
Bits
R/W
Function
REQ
0
R/W
After setting other status of desired one in the MISC, endpoint FIFO can be re-
quested by setting this bit to
²1². After job has been done, this bit has to be cleared to
²0²
TX
1
R/W
This bit defines the direction of data transferring between MCU and endpoint FIFO.
When the TX is set to
²1², this means that MCU wants to write data to endpoint
FIFO. After the job has been done, this bit has to be cleared to
²0² before terminat-
ing request to represent end of transferring. For reading action, this bit has to be
cleared to
²0² to represent that MCU wants to read data from endpoint FIFO and has
to be set to
²1² after the job done.
CLEAR
2
R/W Clear the requested endpoint FIFO, even the endpoint FIFO is not ready.
SELP1
SELP0
4
3
R/W
To define which endpoint FIFO is selected, SELP1,SELP0:
00: endpoint FIFO0
01: endpoint FIFO1
10: endpoint FIFO2
11: endpoint FIFO3
SCMD
5
R/W
It is used to show that the data in endpoint FIFO is SETUP command. This bit has to
be cleared by firmware. That is to say, even the MCU is busing, the device will not
miss any SETUP commands from host.
READY
6
R
Read only status bit, this bit is used to indicate that the desired endpoint FIFO is
ready to work.
LEN0
7
R/W
Read only status bit, it is sued to indicate that a 0-sized packet is sent from host to
MCU. This bit should be cleared by firmware.
MCU can communicate with endpoint FIFO by setting the corresponding registers, of which address is listed in the fol-
lowing table. After reading current data, next data will show on after 2
ms. using to check endpoint FIFO status and re-
sponse to MSIC register, if read/write action is still going on.
Registers
R/W
Bank
Address
Bit7~Bit0
FIFO0
R/W
1
48H
Data7~Data0
FIFO1
R/W
1
49H
Data7~Data0
FIFO2
R/W
1
4AH
Data7~Data0
FIFO3
R/W
1
4BH
Data7~Data0
There are some timing constrains and usages illustrated here. By setting the MISC register, MCU can perform reading,
writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writing
and clearing.
Actions
MiSC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay 2ms, check 41H®read* from FIFO0 register and
check not ready (01H)
®03H®02H
Write FIFO1 sequence
0AH
®0BH®delay 2ms, check 4BH®write* to FIFO1 register and
check not ready (0BH)
®09H®08H
Check whether FIFO0 can be read or not
00H
®01H®delay 2ms, check 41H (ready) or 01H (not ready)®00H
Check whether FIFO1 can be written or not
0AH
®0BH®delay 2ms, check 4BH (ready) or 0BH (not ready)®0AH
Read 0-sized packet sequence form FIFO0
00H
®01H®delay 2ms, check 81H®read once (01H)®03H®02H
Write 0-sized packet sequence to FIFO1
0AH
®0BH®delay 2ms, check 0BH®0FH®0DH®08H
Note:
*: There are 2
ms existing between 2 reading action or between 2 writing action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com