Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RB8 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48RB8
Description  8-Bit USB Type OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RB8 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48RB8 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RB8 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
HT48RB8
8-Bit USB Type OTP MCU
Rev. 1.30
1
February 10, 2003
General Description
This device is an 8-bit high performance RISC-like
microcontroller designed for USB product applications.
It is particularly suitable for use in products such as
mice, keyboards and joystick. A HALT feature is in-
cluded to reduce power consumption.
Features
· Operating voltage:
fSYS=6M/12MHz: 4.4V~5.5V
· Low voltage reset function
· 32 bidirectional I/O lines (max.)
· 8-bit programmable timer/event counter with over-
flow interrupt
· 16-bit programmable timer/event counter and over-
flow interrupts
· Crystal oscillator (6MHz or 12MHz)
· Watchdog Timer
· 6 channels 8-bit A/D converter
· USB1.1 low speed function
· 4 endpoints supported (endpoint 0 included)
· 4096´15 program memory ROM
· 160´8 data memory RAM
· HALT function and wake-up feature reduce power
consumption
· 8-level subroutine nesting
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· 28-pin SOP, 48-pin SSOP package


Similar Part No. - HT48RB8

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
HT48R003 HOLTEK-HT48R003 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
More results

Similar Description - HT48RB8

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82M99E HOLTEK-HT82M99E Datasheet
281Kb / 45P
USB Mouse Encoder 8-Bit OTP MCU
November 19, 2004
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
USB Joystick Encoder 8-Bit OTP MCU
May 10, 2004
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
8-Bit Remote Type OTP MCU
May 12, 2003
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
USB Multimedia Keyboard Encoder 8-Bit OTP MCU
October 11, 2007
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
Remote Type 8-Bit OTP MCU
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
January 14, 2011
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
Remote Type 8-Bit OTP MCU
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
March 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com