Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6710 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics L6710 Datasheet HTML 13Page - STMicroelectronics L6710 Datasheet HTML 14Page - STMicroelectronics L6710 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11/34
L6710
Figure 2. Drivers peak current: High Side (left) and Low Side (right).
CURRENT READING AND OVER CURRENT
The current flowing trough each phase is read using the voltage drop across the low side mosfets RdsON
or across a sense resistor (RSENSE) and internally converted into a current. The transconductance ratio is
issued by the external resistor Rg placed outside the chip between ISENx and PGNDS pins toward the
reading points.
The differential current reading rejects noise and allows to place sensing element in different locations
without affecting the measurement's accuracy. The current reading circuitry reads the current during the
time in which the low-side mosfet is on (OFF Time). During this time, the reaction keeps the pin ISENx
and PGNDS at the same voltage while during the time in which the reading circuitry is off, an internal clamp
keeps these two pins at the same voltage sinking from the ISENx pin the necessary current (Needed if
low-side mosfet RdsON sense is implemented to avoid absolute maximum rating overcome on ISENx pin).
The proprietary current reading circuit allows a very precise and high bandwidth reading for both positive
and negative current. This circuit reproduces the current flowing through the sensing element using a high
speed Track & Hold transconductance amplifier. In particular, it reads the current during the second half
of the OFF time reducing noise injection into the device due to the mosfet turn-on (See fig. 3). Track time
must be at least 200ns to make proper reading of the delivered current.
This circuit sources a constant 100
µA current from the PGNDS pin: it must be connected through two
equal Rg resistors to the groundside of the sensing element (See Figure 3). The two current reading cir-
cuitry uses this pin as a reference keeping the ISENx pin to this voltage.
The current that flows in the ISENx pin is then given by the following equation:
Where RSENSE is an external sense resistor or the RdsON of the low side mosfet and Rg is the transcon-
ductance resistor used between ISENx and PGNDS pins toward the reading points; IPHASEx is the current
carried by the relative phase. The current information reproduced internally is represented by the second
term of the previous equation as follow:
CH3 = HGATE1; CH4 = HGATE2
CH3 = LGATE1; CH4 = LGATE2
I
ISEN x
50
µA
R
SEN SE
I
PH AS Ex
⋅
R
g
------------------------------------------------
50
µAI
IN FO x
+
=
+
=
I
IN FO x
R
SEN SE
I
PH AS Ex
⋅
R
g
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com