Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6710 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics L6710 Datasheet HTML 13Page - STMicroelectronics L6710 Datasheet HTML 14Page - STMicroelectronics L6710 Datasheet HTML 15Page - STMicroelectronics L6710 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
L6710
12/34
Since the current is read in differential mode, also negative current information is kept; this allow the de-
vice to check for dangerous returning current between the two phases assuring the complete equalization
between the phase's currents. From the current information of each phase, information about the total cur-
rent delivered (IFB =IINFO1 + IINFO2) and the average current for each phase (IAVG = (IINFO1 + IINFO2)/2 )
is taken. IINFOX is then compared to IAVG to give the correction to the PWM output in order to equalize the
current carried by the two phases.
The transconductance resistor Rg can be designed in order to have current information of 25
µA per phase
at full nominal load; the over current intervention threshold is set at 140% of the nominal (IINFOx = 35
µA).
According to the above relationship, the over current threshold (IOCPx) for each phase, which has to be
placed at 1/2 of the total delivered maximum current, results:
Since the device senses the output current across the low-side mosfets (or across a sense resistors in
series with them) the device limits the bottom of the inductor current triangular waveform: an over current
is detected when the current flowing into the sense element is greater than IOCPx (IINFOx>35
µA).
Introducing now the maximum ON time dependence with the delivered current (where T is the switching
period T=1/FSW):
Where IOUT is the output current.
This linear dependence has a value at zero load of 0.80·T and at maximum current of 0.40·T typical and
results in two different behaviors of the device:
Figure 3. Current reading timing (left) and circuit (right)
I
OC Px
35
µARg
⋅
R
SEN S E
---------------------------
Rg
I
OC Px
R
SEN SE
⋅
35
µA
------------------------------------------
=
=
T
ON,MAX
0.80
I
FB
–
5.73k
⋅
() T0.80
R
SEN S E
Rg
---------------------- I
OUT
5.73k
⋅⋅
–


T =
T
0.80 T I
FB
0
µA
=
⋅
=
T
0.40 T I
FB
70
µA
=
⋅
=
⋅
=
⋅
=
Rg
50
µA
IISEN1
Rg
LGATE1
ISEN1
PGNDS
Rg
50
µA
100
µA
Rg
ISEN2
IISEN2
TOTAL
CURRENT
INFO (IFB)
ILS1
ILS2
Track & Hold
IINFO2
IINFO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com