Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6710 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 26Page - STMicroelectronics L6710 Datasheet HTML 27Page - STMicroelectronics L6710 Datasheet HTML 28Page - STMicroelectronics L6710 Datasheet HTML 29Page - STMicroelectronics L6710 Datasheet HTML 30Page - STMicroelectronics L6710 Datasheet HTML 31Page - STMicroelectronics L6710 Datasheet HTML 32Page - STMicroelectronics L6710 Datasheet HTML 33Page - STMicroelectronics L6710 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
L6710
30/34
Capacitors
C1
220p
Comp Network
SMD 0805
C2
22n
CF
SMD 0805
C3, C4
100n
Bootstrap capacitors
SMD 0805
C5, C6
1µ
Input ceramic capacitors
SMD 1206
C7
10µ
VCC Filter
SMD 1206
C8
10µ
VCCDR Filter
SMD 1206
C9, C10
22µ - 16V
Input Filter
TDK C4532X7R1C226MT
Panas. ECJ4YB1C226M
SMD 1812
SMD 1210
10µ - 16V
TDK C4532X7R1C106MT
SMD 1812
C11, C12, C13, C14
1800µ - 16V
Input Filter
Rubycon MBZ or
Panas. EEUFJ1C182Y
Radial 10x23
Radial 10x25
C15 to C24
2200µ - 6.3V
Output Filter
Rubycon MBZ or
Panas. EEUFL0J222
Radial 10x20
C25
47n
REF_OUT Filter
SMD 0805
C26
1n
VSEN Filter
SMD 0805
C28
47n
Comp. Network
SMD 0805
Diodes
DZ1
Not mounted
Mnimelf
D1, D2
STPS340U
Synch. Diode
STMicroelectronics
SMB
D3, D4
1N4148
Bootstrap diodes
STMicroelectronics
SOT23
Inductors
L1, L2
0.7 µ / 1m
Main inductor
77121 core 4T 2x1.5 mm
Mosfets
Q1, Q1a, Q3, Q3a
STB90NF03L
LS Mosfet
STMicroelectronics
D2PACK
Q2, Q4
STB90NF03L
HS Mosfet
STMicroelectronics
D2PACK
Devices
U1
L6710
PWM controller
STMicroelectronics
TQFP44
Part List
- 12VIN - 1.35VOUT - 78AOUT (VRD 10) (continued)
Code
Value
Description
Vendor
size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com