Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6710 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 9Page - STMicroelectronics L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics L6710 Datasheet HTML 13Page - STMicroelectronics L6710 Datasheet HTML 14Page - STMicroelectronics L6710 Datasheet HTML 15Page - STMicroelectronics L6710 Datasheet HTML 16Page - STMicroelectronics L6710 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13/34
L6710
1.
TON LIMITED OUTPUT VOLTAGE.
This happens when the maximum ON time is reached before the current in each phase reaches IOCPx
(IINFOx<35 A).
Figure 4a shows the maximum output voltage that the device is able to regulate considering the TON lim-
itation imposed by the previous relationship. If the desired output characteristic crosses the TON limited
maximum output voltage, the output resulting voltage will start to drop after crossing. In this case, the de-
vice doesn't perform constant current limitation but only limits the maximum ON time following the previous
relationship. The output voltage follows the resulting characteristic (dotted in Figure 4b) until UVP is de-
tected or anyway until IFB = 70
µA
Figure 4. TON Limited Operation
2.
CONSTANT CURRENT OPERATION
This happens when ON time limitation is reached after the current in each phase reaches IOCPx (IINFOx
>35
µA).
The device enters in Quasi-Constant-Current operation: the low-side mosfets stays ON until the current
read becomes lower than IOCPx (IINFOx < 35
µA) skipping clock cycles. The high side mosfets can be turned
ON with a TON imposed by the control loop at the next available clock cycle and the device works in the
usual way until another OCP event is detected.
This means that the average current delivered can slightly increase also in Over Current condition since
the current ripple increases. In fact, the ON time increases due to the OFF time rise because of the current
has to reach the IOCPx bottom. The worst-case condition is when the ON time reaches its maximum value.
When this happens, the device works in Constant Current and the output voltage decrease as the load
increase. Crossing the UVP threshold causes the device to latch (FAULT pin is driven high).
Figure 5 shows this working condition.
It can be observed that the peak current (Ipeak) is greater than the IOCPx but it can be determined as
follow:
Where VoutMIN is the minimum output voltage (VID-40% as follow).
The device works in Constant-Current, and the output voltage decreases as the load increase, until the
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IFB=70
µA)
TON Limited Output
characteristic
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IFB=70
µA)
Desired Output
characteristic and
UVP threshold
Resulting Output
characteristic
a) Maximum output Voltage
b) TON Limited Output Voltage
I
pea k
I
OCPx
V
IN
V out
mi n
L
------------------------------------- Ton
MAX
I
OCPx
V
IN
Vou t
MIN
L
-------------------------------------- 0.40 T
⋅⋅
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com