Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6710 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics L6710 Datasheet HTML 13Page - STMicroelectronics L6710 Datasheet HTML 14Page - STMicroelectronics L6710 Datasheet HTML 15Page - STMicroelectronics L6710 Datasheet HTML 16Page - STMicroelectronics L6710 Datasheet HTML 17Page - STMicroelectronics L6710 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
L6710
14/34
output voltage reaches the under-voltage threshold (VoutMIN). When this threshold is crossed, all mosfets
are turned off, the FAULT pin is driven high and the device stops working. Cycle the power supply to re-
start operation.
The maximum average current during the Constant-Current behavior results:
In this particular situation, the switching frequency results reduced. The ON time is the maximum allowed
(TonMAX) while the OFF time depends on the application:
Over current is set anyway when IINFOx reaches 35
µA (IFB=70µA).
The full load value is only a convention to work with convenient values for IFB. Since the OCP intervention
threshold is fixed, to modify the percentage with respect to the load value, it can be simply considered that,
for example, to have on OCP threshold of 200%, this will correspond to IINFOx = 35
µA (IFB = 70µA). The
full load current will then correspond to IINFOx = 17.5
µA (IFB = 35µA).
Figure 5. Constant Current operation
INTEGRATED DROOP FUNCTION
The device uses a droop function to satisfy the requirements of high performance microprocessors, re-
ducing the size and the cost of the output capacitor.
This method "recovers" part of the drop due to the output capacitor ESR in the load transient, introducing
a dependence of the output voltage on the load current: the regulated voltage decrease as the load in-
crease with a precise relationship.
As shown in figure 6, the ESR drop is present in any case, but using the droop function the total deviation
of the output voltage is minimized. A static error (VDROOP in figure 6) at zero load is simply introduced by
a resistor between FB and GND allowing to exploit the all tolerance interval available. This additional re-
sistor is not required in application such as VRD10 since the nominal value is already set by the VID* and
the load regulation fixed by the specs.
Since the device has an average current mode regulation, the information about the total current delivered
I
MA X,TOT
2I
MA X
2I
OCPx
I peak
I
OCPx
–
2
--------------------------------------
+


⋅
=
⋅
=
T
OFF
L
I peak
I
OCPx
–
V
OU t
--------------------------------------
f
1
T
ONm ax
T
OFF
+
-----------------------------------------
=
⋅
=
TonMAX
TonMAX
IOCPx
Ipeak
IMAX
Vout
Iout
(IFB=50
µA)
2·IOCPx (IFB=70
µA)
IMAX,TOT
UVP
Droop effect
a) Maximum current for each phase
b) Output Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com