Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3LP170A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPC3LP170A Datasheet HTML 1Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 2Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 3Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
4
Apr. 17, 2014
Version: 1.0
5. SIGNAL DESCRIPTIONS
PIN Name
Type
Description
IOA[7:0]
I/O
IOA[7:0] is a bi-directional I/O port, which can be software programmed as wakeup I/O.
1Mohm or 100Kohm pull low resistor
IOA7 shares pad with IR output
IOA[4:3]shares pad with detect IO function
IOA3 also shares pad with SDA when serial programming cycle
IOA[2:1]shares pad with feedback function
IOA2 also shares pad with SCK when serial programming cycle
IOA1 shares pad with external clock input
IOA0 shares pad with external interrupt input
IOB[7:0]
I/O
IOB[7:0] is a bi-directional I/O port, which can be software programmed as wakeup I/O.
1Mohm or 100Kohm pull low resistor
IOB5 shared pad with XTAL 32KHz input
IOB4 shared pad with XTAL 32KHz output
IOB[3:0] shared pad with 256-level PWM output
IOC[3:0]
I/O
IOC[3:0] is a bi-directional I/O port, which can be software programmed as wake up I/O.
1Mohm or 100Kohm pull low resistor
IOC1 shares pad with XTAL8M output
IOC0 shares pad with ROSC8M or XTAL8M input
VDD15
P
Power PAD for DC-DC .
VSS15
G
Ground PAD for DC-DC.
LX1
I
Must short to LX2 externally
Inductance input of DC-DC(Inductance must be connected to VDD15)
LX2
I
Must short to LX1 externally
Inductance input of DC-DC(Inductance must be connected to VDD15)
VDDO
O
DC-DC Pumped voltage output
VDD_REGIN
P
Power supply voltage input for regulator and should be shorted to VDDO through 10 ohm
resistor
VDD_REGOUT
P
Power supply voltage output for regulator and should be shorted to VDD externally
VDD
P
Power supply voltage input for logic circuit and should be shorted to VDD_REGOUT
externally
VPP
P
Power supply voltage input for OTP ROM
VSS2
G
Ground reference for logic circuit
VSS3
G
Ground reference for logic circuit
VSS4
G
Ground reference for VPP
VDDIO
P
Power supply voltage input for IO PAD
VSS1
G
Ground reference for IO PAD
PVDD
P
PWM driver power
PVSS
G
PWM driver ground reference
RESB
I
System reset input, low active (with pull high)
TEST
I
Test pin, high active (with pull low)
EPM
I
Enable Program Mode pin, high active (with pull low)
AUDP, AUDN
O
PWM output
Total: 41 Pins
Legend: I=Input, O=Output, P=Power, G=Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com