Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3LP170A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 10Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 11Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 12Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 13Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
9
Apr. 17, 2014
Version: 1.0
7.7. VDD15 v.s. Max. Supplied Current (I(VDD)) (One-Battery , TA = 25℃)
VIN (V)
I(VDD) (mA)
Condition
50
VDD=3.3V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
1.0
40
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
80
VDD=3.3V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
1.2
60
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
120
VDD=3.3V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
1.5
100
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductor)
* VDD drops about 0.3V in max supplied current condition.
7.8. VDD15 v.s. Max. Supplied Current (I(VDD)) (Two-Battery , TA = 25℃)
VIN (V)
I(VDD) (mA)
Condition
60
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
1.5
10
VDD=4.5V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
130
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
1.8
90
VDD=4.5V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
230
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
2.4
200
VDD=4.5V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
290
VDD=3.9V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
3.0
270
VDD=4.5V ; L=22uH/0.5W , DCR = 1 ohm (Color Code Inductance)
* VDD drops about 0.3V in max supplied current condition.
7.9. (3volt) External Oscillator R Relative FOSC (the table is only for reference).
R(Kohm)
39
51
75
FOSC (MHz)
8
6
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com