Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3LP170A Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPC3LP170A Datasheet HTML 3Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 10Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
7
Apr. 17, 2014
Version: 1.0
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
(VSS-0.3V) to (V+ + 0.3V)
Operating Temperature
TA
0℃ to +70℃
Storage Temperature
TSTO
-65℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
7.2. Power Characteristics (One-Battery , TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Voltage (Min.) *
VDD15
1.0
-
-
V
I(VDDO)=40mA@VDDO=3.3V,
L=22uH/0.5W , DCR =1 ohm
(Color Code Inductance)
Input Voltage (Max.)
VDD15
-
-
1.8
V
-
Operating Voltage**
VDDO
VLVR ***
-
3.9
V
-
Low Voltage Reset Level
VLVR
2.2
2.3
2.4
V
-
Operating Current
IOP
-
10
-
mA
FOSC=8.0MHz @ VDDO=3.0V
(no load)
VDD15=1.5V
Standby Current
ISTBY
-
-
5.0
μA
VDD15 = 1.5V
*As I(VDDO) is larger than the value of test condition; VDDO can be observed voltage drop.
**VDDO is the pumped voltage. It is larger than or equal to input voltage. It is possible to be lower with heavy loading under operating.
*** VLVR is 2.3V +/- 5%.
7.3. Power Characteristics (Two-Battery , TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Voltage (Min.) *
VDD15
1.3
-
-
V
I(VDD)=40mA@VDD=3.3V,
L=22uH/0.5W , DCR =1 ohm
(Color Code Inductance)
Input Voltage (Max.)
VDD15
-
-
3.6
V
-
Operating Voltage**
VDDO
2.7
-
4.5
V
-
-
5
-
mA
FOSC=8.0MHz @ VDDO=3.0V
(no load)
VDD15=3.0V
Operating Current
IOP
-
10
-
mA
FOSC=8.0MHz @ VDDO=4.5V
(no load)
VDD15=3.0V
Standby Current
ISTBY
-
-
10.0
μA
VDD15 = 3.0V
*As I(VDDO) is larger than the value of test condition; VDDO can be observed voltage drop.
**VDDO is the pumped voltage. It is larger than or equal to input voltage. It is possible to be lower with heavy loading under operating.
7.4. DC Characters (TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
0.7VDDIO
-
-
V
VDDIO = 3.0V
GPIO Input High Level
(IOA, IOB, IOC)
VIH
0.7VDDIO
-
-
V
VDDIO = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com