Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3LP170A Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPC3LP170A Datasheet HTML 2Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 3Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
6
Apr. 17, 2014
Version: 1.0
awaking. Each RTC occurs, the system wakes up and users
can use this signal for time counting. In addition, GPC3LP170A
supports 32768Hz OSC in auto mode, the first one second runs
at strong mode (consumes the highest power) and then switch to
weak mode automatically to save power.
6.9. Low Voltage Reset
The GPC3LP170A has a Low Voltage Reset (LVR) function. In
general, the CPU becomes unstable and malfunctions under low
voltage condition. With the unique design of Low Voltage Reset
in GPC3LP170A, it is able to reset all functions to the initial
operational (stable) state if the power voltage drops below certain
operation voltage.
6.10. Timer/Counter
The GPC3LP170A has three 12-bit timer/counters: TMA, TMB,
and TMC respectively. In the timer mode, TMA, TMB, and TMC
are re-loadable up-counters. When timer overflows from $0FFF
to $0000, the carry (overflow) signal will make the user’s pre-set
value to be loaded into timer automatically and count up again.
At the same time, the carry signal will generate an INT signal if
the corresponding bit in the INT ENABLE Register is enabled.
After the counter is activated, the counter value can also be
read at the same time. The read instruction will not affect the
counter value nor reset it.
6.11. Speech and Melody
In speech synthesis, the GPC3LP170A can use NMI for accurate
sampling frequency. User can store the speech data in ROM
and play it back with realistic sound quality. Several algorithms
are recommended for high fidelity and compression of sound:
PCM, ADPCM, SACMA3400 and A3400Pro.
6.12. Battery voltage detect function
The GPC3LP170A has battery voltage detect (BVD) function.
There are 4 detecting levels (shown as below) can be chosen for
1 and 2 batteries application respectively.
Refer the
programming guide for more detail information about BVD
function.
Typical detecting level
Unit
Application Condition
One-battery
0.9/1.0/1.1/1.2
V
Two-battery
1.8/2.0/2.2/2.4
V
6.13. OTP Programming Circuit for GPC3LP170A
Note1: Don’t connect any component with IOA2 and IOA3 when
programming.
Note2: Connect EPM to VDD during OTP programming cycle, and keep it
floating in normal run.
Note3: Connect VPP to Writer during OTP programming cycle, and keep it
floating in normal run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com