Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3LP170A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPC3LP170A
Description  Low Power 3-Channel Sound Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3LP170A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPC3LP170A Datasheet HTML 4Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 5Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 6Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 7Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 8Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 9Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 10Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 11Page - Generalplus Technology Inc. GPC3LP170A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
GPC3LP170A
© Generalplus Technology Inc.
Proprietary & Confidential
8
Apr. 17, 2014
Version: 1.0
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
-
-
0.3VDDIO
V
VDDIO = 3.0V
GPIO Input Low Level
VIL
(IOA, IOB, IOC)
-
-
0.3VDDIO
V
VDDIO = 4.5V
-
5
-
mA
VDDIO = 3.0V, VOH = 0.7*VDD
Output High Current
IOH
(IOA, IOB, IOC)
-
10
-
mA
VDDIO = 4.5V, VOH = 0.7*VDD
-
10
-
mA
VDDIO = 3.0V, VOL = 0.3*VDD
Output Low Current
IOL
(IOA, IOB, IOC)
-
20
-
mA
VDDIO =4.5V, VOL = 0.3*VDD
-
1000
-
Kohm
VDDIO = 1.5V, IO = 1.5V
360
-
Kohm
VDDIO = 3.0V, IO = 3.0V
Input 1M Ohm Pull Low
Resistor (IOA, IOB, IOC)
RPLM
-
200
-
Kohm
VDDIO = 4.5V, IO = 4.5V
-
100
-
Kohm
VDDIO = 3.0V, IO = 0V or VDDIO
Input 100K Ohm Pull Low
Resistor(IOA, IOB, IOC)
RPL100K
-
100
-
Kohm
VDDIO = 4.5V, IO = 0V or VDDIO
-
200
-
mA
PVDD = 3.0V, 8 Ohms load
PWM Driver Current
IPWM
-
300
-
mA
PVDD = 4.5V, 8 Ohms load
-2
-
2
%
Fosc(4.5v)
Fosc(3.0v)
Fosc(4.5v)
−
= 8MHz, For IOSC
FCPU
Frequency deviation by
⊿
F/F
voltage drop
-2
-
-2
%
Fosc(4.5v)
Fosc(3.0v)
Fosc(4.5v)
−
= 8MHz, For ROSC
FCPU
-3
-
3
%
Fmax(3.6v)
Fmin(3.6v)
Fmax(3.6v)
−
= 8MHz @ 3.6V, For IOSC
FCPU
⊿
F/F
Frequency lot deviation
-7
-
7
%
Fmax(4.5v)
Fmin(4.5v)
Fmax(4.5v)
−
= 8MHz @ 4.5V, For ROSC
FCPU
* VDDIO is the pumped voltage. It is larger than or equal to input voltage. It is possible to be lower with heavy loading under operating.
**RPLM increases enormously while VDDIO drops.
***RPL100K keeps remain while VDDIO drops.
7.5. Pump Efficiency (One-Battery , TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
-
70
-
%
I(VDD)=30mA;VDD15=1.5V; VDD=3.3V
-
65
-
%
I(VDD)=60mA;VDD15=1.5V; VDD=3.3V
Pump Efficiency
-
80
-
%
I(VDD)=30mA;VDD15=1.5V; VDD=3.9V
(Color Code Inductance
L=22uH/0.5W , DCR =1 ohm))
Eff.
-
70
-
%
I(VDD)=60mA;VDD15=1.5V; VDD=3.9V
7.6. Pump Efficiency (Two-Battery , TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
-
70
-
%
I(VDD)=50mA;VDD15=3.0V; VDD=3.9V
-
60
-
%
I(VDD)=100mA;VDD15=3.0V; VDD=3.9V
Pump Efficiency
-
75
-
%
I(VDD)=50mA;VDD15=3.0V; VDD=4.5V
(Color Code Inductance
L=22uH/0.5W , DCR =1 ohm)
Eff.
-
60
-
%
I(VDD)=100mA;VDD15=3.0V; VDD=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com