Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9553 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9553
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9553 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9553 Datasheet HTML 5Page - STMicroelectronics STV9553 Datasheet HTML 6Page - STMicroelectronics STV9553 Datasheet HTML 7Page - STMicroelectronics STV9553 Datasheet HTML 8Page - STMicroelectronics STV9553 Datasheet HTML 9Page - STMicroelectronics STV9553 Datasheet HTML 10Page - STMicroelectronics STV9553 Datasheet HTML 11Page - STMicroelectronics STV9553 Datasheet HTML 12Page - STMicroelectronics STV9553 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STV9553
9/24
7
POWER DISSIPATION
The total power dissipation is the sum of the static DC and the dynamic dissipation:
PTOT =PSTAT +PDYN.
The static DC power dissipation is approximately:
PSTAT =VDD xIDD +VCC xICC
The dynamic dissipation is, in the worst case (1 pixel On/ 1 pixel Off pattern):
PDYN =3 VDD xCL xVOUT(PP) x f x K (see Note 6)
where f is the video frequency and K the ratio between the active line and the total horizontal line duration.
Example:
for VDD = 110V, VCC = 12V,
IDD = 15mA, ICC = 40mA,
VOUT =40 VPP, f = 25MHz,
CL = 8pF and K = 0.72.
We have:
PSTAT = 2.13W and PDYN = 1.90W
Therefore:
PTOT =4.03W.
Note 6: This worst thermal case must only be considered for TJmax calculation. Nevertheless, during the average life
of the circuit, the conditions are closer to the white picture conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com