Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9553 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV9553
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9553 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV9553 Datasheet HTML 16Page - STMicroelectronics STV9553 Datasheet HTML 17Page - STMicroelectronics STV9553 Datasheet HTML 18Page - STMicroelectronics STV9553 Datasheet HTML 19Page - STMicroelectronics STV9553 Datasheet HTML 20Page - STMicroelectronics STV9553 Datasheet HTML 21Page - STMicroelectronics STV9553 Datasheet HTML 22Page - STMicroelectronics STV9553 Datasheet HTML 23Page - STMicroelectronics STV9553 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
STV9553
22/24
11
PACKAGE MECHANICAL DATA
11 PIN - CLIPWATT
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.95
3
3.05
0.116
0.118
0.12
B
0.95
1
1.05
0.037
0.039
0.041
C
-
0.15
-
-
0.006
-
D
1.3
1.5
1.7
0.051
0.059
0.061
E
0.49
0.515
0.55
0.0.019
0.02
0.021
F
0.78
0.8
0.86
0.03
0.031
0.034
F1
-
0.05
0.1
-
0.002
0.004 (6)
G
1.6
1.7
1.8
0.063
0.067
0.071
G1
16.9
17
17.1
0.665
0.669
0.673
H1
-
12
-
-
0.472
-
H2
18.55
18.6
18.65
0.73
0.732
0.734
H3
19.9
20
20.1
0.783
0.787
0.791 (5)
L
17.7
17.9
18.1
0.696
0.704
0.712
L1
14.35
14.55
14.65
0.564
0.572
0.576
L2
10.9
11
11.1
0.429
0.433
0.437(5)
L3
5.4
5.5
5.6
0.212
0.216
0.22
M
2.34
2.54
2.74
0.092
0.1
0.107
M1
2.34
2.54
2.74
0.092
0.1
0.107
R
1.45
-
-
0.057
-
-
V1
H3
H2
H1
R2
R
R1
L2
L3
S
LEAD#1
G
G1
F1
F
Shaded area ewpose d from plasti cbod y
Typical 30
µm
M
M1
E
V
R3
R3
R3
B
D
L1
V1
V1
V2
C
V1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com