Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9553 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9553
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9553 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9553 Datasheet HTML 11Page - STMicroelectronics STV9553 Datasheet HTML 12Page - STMicroelectronics STV9553 Datasheet HTML 13Page - STMicroelectronics STV9553 Datasheet HTML 14Page - STMicroelectronics STV9553 Datasheet HTML 15Page - STMicroelectronics STV9553 Datasheet HTML 16Page - STMicroelectronics STV9553 Datasheet HTML 17Page - STMicroelectronics STV9553 Datasheet HTML 18Page - STMicroelectronics STV9553 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
STV9553
15/24
10.5
Video response optimization: outputs networks
The output network (R10/L1/R11) is used to adjust the amplifier video performances. Once R10 and R11
resistors are set to protect the application against arcing (R10 + R11>300
Ω), it is possible to increase the
bandwidth by increasing L1.
10.6
Video response optimization: inputs networks
The input network also plays an important role in the device dynamic behaviour. We recommend to use
the reference input network #1, which is described in Figure 17, but 2 other networks (#2 and #3) can be
used to better match the required performances and the video board layout. Refer to the application note
referenced AN1510 for the complete description of these input networks.
10.7
Video response optimization: layout and decoupling
The decoupling of VCC and VDD through good quality HF capacitors (respectively C10 and C12) close to
the device is necessary to improve the dynamic performance of the video signal.
Careful attention has to be given to the three output channels of the amplifier.
Capacitor: The parasitic capacitive load on the amplifier outputs must be as small as possible.
Figure 9 from Section 8 clearly shows the deterioration of the tR/tF when the capacitive load
increases. Reducing this capacitive load is achieved by moving away the output tracks from the other
tracks (especially ground) and by using thin tracks (<0.5mm), see Figure 17.
Cross talk: Output and input tracks must be set apart. The STV9553 pin-out allows the easy separa-
tion of input and output tracks on opposite sides of the amplifier (see Figure 21).
Length: Connection between amplifier output and cathode must be as short and direct as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com