Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9553 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9553
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9553 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9553 Datasheet HTML 8Page - STMicroelectronics STV9553 Datasheet HTML 9Page - STMicroelectronics STV9553 Datasheet HTML 10Page - STMicroelectronics STV9553 Datasheet HTML 11Page - STMicroelectronics STV9553 Datasheet HTML 12Page - STMicroelectronics STV9553 Datasheet HTML 13Page - STMicroelectronics STV9553 Datasheet HTML 14Page - STMicroelectronics STV9553 Datasheet HTML 15Page - STMicroelectronics STV9553 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
STV9553
12/24
10
APPLICATION HINTS
10.1
How to choose the high supply voltage value (VDD) in DC coupling mode
The VDD high supply voltage must be chosen carefully. It must be high enough to provide the necessary
video adjustment but set to minimum value to avoid unecessary power dissipation.
Example (see Figure 2):
The following example shows how the optimum VDD voltage value is determined:
– Cut-off adjustment range (B) : 25V
– Max contrast (D) : 40V
Case 1:
10V Brightness (C) adjusted by the preamplifier :
VDD =A +B + C +D +E
VDD = 15V + 25V + 10V + 40V + 17V = 107V
Case 2:
10V Brightness (C) adjusted by the G1 anode:
VDD =A +B + D +E
VDD = 15V + 25V + 40V + 17V = 97V
10.2
Arcing Protection: schematics
As the amplifier outputs are connected to the CRT cathodes, special attention must be given to protect
them against possible arcing inside the CRT.
Protection must be considered when starting the design of the video CRT board. It should always be
implemented before starting to adjust the dynamic video response of the system.
The arcing network that we recommend (see Figure 16) provides efficient protection without deteriorating
the amplifier video performances.
The total resistance between the amplifier and the CRT cathode (R10+R11) protects the device against
overvoltages. We recommend to use R10+R11 > 300
Ω.
Spark gaps are strongly recommended for arcing protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com