Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9553 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9553
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9553 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9553 Datasheet HTML 12Page - STMicroelectronics STV9553 Datasheet HTML 13Page - STMicroelectronics STV9553 Datasheet HTML 14Page - STMicroelectronics STV9553 Datasheet HTML 15Page - STMicroelectronics STV9553 Datasheet HTML 16Page - STMicroelectronics STV9553 Datasheet HTML 17Page - STMicroelectronics STV9553 Datasheet HTML 18Page - STMicroelectronics STV9553 Datasheet HTML 19Page - STMicroelectronics STV9553 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
STV9553
16/24
10.8
AC - Coupling mode
The STV9553 can be used in AC-Coupling mode in kit with the TDA9207/9212 preamplifier from ST. As
for the DC-coupling mode, the STV9553 drives perfectly the video signal in PICTURE BOOST conditions.
A typical schematic is given on the Figure 18 below.
Figure 18. Video response optimization for one channel - AC coupling application
The advantage of such an architecture is to use smaller VDD and therefore to have smaller power
consumption. This is due to the fact that the STV9553 provides only the video signal and not the cut-off
adjustment. The disadvantage is to have an application with more components (DC restore circuitry).
Note that it is mandatory to keep the output video signal (point C) inside the linear area of the amplifier
(from 17V to VDD - 15V).
C24
4.7
µF
C11
4.7
µF
R10
L1
R11
CRT
OUT
VCC
VDD
STV9553
IN
150
Ω
150
Ω
0.33
µH
VREF
C10(*)
100nF
C12(*)
100nF
-
+
DC Restore
circuitry
Cut-off
Vrestore
C1
1
µF
OUT
R19(***)
33-40
Ω
Caution: For Application with Tr/Tf> 5.5ns, the PreAmplifier bandwidth register (BW, Register 13)
must be set to minimum value (0 dec)
(*): To be connected as close as possible to the device
(**): R1 must be not be higher than 100Ω
(***): R19 must be mandatorily used
(****): Input Networks #2 and #3 can be used as well
C
VDD
GNDP
GNDS
GNDA
R1(**)
51
Ω
C1
1.5nF
Reference
C2
10pF
Input Network #1 (****)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com