Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA7016 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA7016
Description  36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in DFN3x3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA7016 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA7016 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETA7016
www.etasolution.com
1
Powering Minds of the Smart
36V Surge Voltage High Side Over-Voltage Protector with 500V 7V TVS in
DFN3x3
DESCRIPTION
FEATURES
ETA7016 is a 36V surge voltage over voltage protector (OVP)
integrated with a 500V TVS diode, which has a very low
33mohm on resistance. It can be used as an OVP device or a
high voltage switch at power input port.
ETA7016 consists of a charge pump, a configurable power
MOSFET, a voltage reference, a gate driver, some logics,
protection modules and a 500V TVS diode. ETA7016 can react
to an input surge very fast and shut off the switch in less than
0.1us and stand the voltage spike as high as 36V.
ETA7016 is in DFN3x3-12 package.
Operation Voltage up to 7V
36V surge voltage
33mohm on resistance
Input OVP with 0.1us reaction time
500V TVS
Protection voltage programmable by Vfb=1.26V
SCP and OTP
Enable pin available for switch on and off
APPLICATIONS
All electronic devices with input DC power plug
Cellphone
E-Cigarette
Car Camera
TYPICAL APPLICATION
ORDERING INFORMATION
PART
PACKAGE
TOP MARK
Pcs/Reel
ETA7016D3M
DFN3x3-12
ETA7016
YWW2L
5000


Similar Part No. - ETA7016

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA7011 ETA-ETA7011 Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7011S2G ETA-ETA7011S2G Datasheet
273Kb / 1P
Unidirectional and Bidirectional configurable 20V Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7014 ETA-ETA7014 Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
ETA7014D2I ETA-ETA7014D2I Datasheet
1Mb / 8P
36V High Side Over-Voltage Protector
Rev 2.1
More results

Similar Description - ETA7016

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX1690 ANPEC-APX1690 Datasheet
79Kb / 8P
9-Set Over Voltage Protector
logo
Maxim Integrated Produc...
MAX14562 MAXIM-MAX14562 Datasheet
1Mb / 10P
36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
logo
Fairchild Semiconductor
FR014H5JZ FAIRCHILD-FR014H5JZ Datasheet
809Kb / 12P
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7018 ETA-ETA7018 Datasheet
363Kb / 1P
20V Over-Voltage-Protector with 12mohm On Resistance
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
ETA7116 ETA-ETA7116 Datasheet
280Kb / 1P
36V Surge Voltage High Side Over Voltage Protector with 300V 13.2V TVS in DFN3x3
logo
Lowpower Semiconductor ...
LP5304 POWER-LP5304 Datasheet
511Kb / 6P
36V/5A Over Voltage Protection IC
logo
ABLE Power Products
SPD ABLEPOWERPRODUCTS-SPD Datasheet
234Kb / 1P
Over Voltage & Under Voltage Cut-Off With Surge Protection Device
2/16/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com