Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V66API-10 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HN58V66API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66API-10 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HN58V66API-10 Datasheet HTML 1Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 2Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 3Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 4Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 5 of 26
Operation Table
Operation
CE
OE
WE
RES*3
RDY/
Busy
I/O
Read
VIL
VIL
VIH
VH*
1
High-Z
Dout
Standby
VIH
×*
2
×
×
High-Z
High-Z
Write
VIL
VIH
VIL
VH
High-Z to VOL
Din
Deselect
VIL
VIH
VIH
VH
High-Z
High-Z
Write Inhibit
×
×
VIH
×
×
VIL
×
×
Data Polling
VIL
VIL
VIH
VH
VOL
Dout (I/O7)
Program reset
×
×
×
VIL
High-Z
High-Z
Notes: 1. Refer to the recommended DC operating conditions.
2.
× : Don’t care
3. This function supported by only the HN58V66A series.
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to VSS
VCC
–0.6 to +7.0
V
Input voltage relative to VSS
Vin
–0.5*
1 to
+7.0*
3
V
Operating temperature range *
2
HN58V65AI/HN58V66AI
Topr
–40 to +85
°C
HN58V65A-SR/HN58V66A-SR Topr
–20 to +85
°C
Storage temperature range
Tstg
–55 to +125
°C
Notes: 1. Vin min : –3.0 V for pulse width
≤ 50 ns.
2. Including electrical characteristics and data retention.
3. Should not exceed VCC + 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com