Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V66API-10 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HN58V66API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66API-10 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HN58V66API-10 Datasheet HTML 2Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 3Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 4Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 9Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 6 of 26
Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
2.7
—
5.5
V
VSS
0
0
0
V
Input voltage
VIL
–0.3*
1
—
0.6*
5
V
VIH
2.4*
2
—
VCC + 0.3*
3
V
VH*
4
VCC – 0.5 —
VCC + 1.0
V
Operating temperature Topr
HN58V65AI/HN58V66AI
–40
—
+85
°C
HN58V65A-SR/HN58V66A-SR
–20
—
+85
°C
Notes: 1. VIL min: –1.0 V for pulse width
≤ 50 ns.
2. VIH = 3.0 V for VCC = 3.6 to 5.5 V.
3. VIH max: VCC + 1.0 V for pulse width
≤ 50 ns.
4. This function is supported by only the HN58V66A series.
5. VIL = 0.8 V for VCC = 3.6 V to 5.5 V
DC Characteristics
(Ta =
−40 to +85°C, V
CC = 2.7 to 5.5 V: HN58V66AI/HN58V66AI,
Ta =
−20 to +85°C, V
CC = 2.7 to 5.5 V: HN58V66A-SR/HN58V66A-SR)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
2*
1
µA
VCC = 5.5 V, Vin = 5.5 V
Output leakage current
ILO
2
µA
VCC = 5.5 V, Vout = 5.5/0.4 V
Standby VCC current
ICC1
1 to 2
5
µA
CE = V
CC
ICC2
1
mA
CE = V
IH
Operating VCC current
ICC3
6
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1 µs at VCC = 3.6 V
10
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1 µs at VCC = 5.5 V
15
mA
Iout = 0 mA, Duty = 100%,
Cycle = 100 ns at VCC = 3.6 V
25
mA
Iout = 0 mA, Duty = 100%,
Cycle = 70 ns at VCC = 5.5 V
Output low voltage
VOL
0.4
V
IOL = 2.1 mA
Output high voltage
VOH
VCC
× 0.8 
V
IOH =
−400 µA
Note:
1. ILI on RES : 100 µA max (only the HN58V66A series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com