Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V66API-10 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HN58V66API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66API-10 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HN58V66API-10 Datasheet HTML 1Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 2Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 3Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 4Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 2 of 26
Features (cont)
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 105 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• Write protection by RES pin (only the HN58V66A series)
• Operating temperature range:
 HN58V65AI/HN58V66AI Series: −40 to +85°C
 HN58V65A-SR/HN58V66A-SR Series: −20 to +85°C
• There are also lead free products.
Ordering Information
Access time
Type No.
2.7 V
≤ VCC < 4.5 V 4.5 V ≤ VCC ≤ 5.5 V Package
HN58V65API-10
100 ns
70 ns
600 mil 28-pin plastic DIP (DP-28)
HN58V66API-10
100 ns
70 ns
HN58V65AFPI-10
100 ns
70 ns
400 mil 28-pin plastic SOP (FP-28D)
HN58V66AFPI-10
100 ns
70 ns
HN58V65ATI-10
100 ns
70 ns
28-pin plastic TSOP(TFP-28DB)
HN58V66ATI-10
100 ns
70 ns
HN58V65AT-10SR
100 ns
70 ns
HN58V66AT-10SR
100 ns
70 ns
HN58V65API-10E
100 ns
70 ns
600 mil 28-pin plastic DIP (DP-28V)
HN58V66API-10E
100 ns
70 ns
Lead free
HN58V65AFPI-10E
100 ns
70 ns
400 mil 28-pin plastic SOP (FP-28DV)
HN58V66AFPI-10E
100 ns
70 ns
Lead free
HN58V65ATI-10E
100 ns
70 ns
28-pin plastic TSOP(TFP-28DBV)
HN58V66ATI-10E
100 ns
70 ns
Lead free
HN58V65AT-10SRE 100 ns
70 ns
HN58V66AT-10SRE 100 ns
70 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com