Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V66API-10 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HN58V66API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66API-10 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HN58V66API-10 Datasheet HTML 18Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 19Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 20Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 21Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 22Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 23Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 24Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 25Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 22 of 26
2.2 Protection by
RES (only the HN58V66A series)
The unprogrammable state can be realized by that the CPU’s reset signal inputs directly to the
EEPROM’s
RES pin. RES should be kept V
SS level during VCC on/off. The EEPROM breaks off
programming operation when
RES becomes low, programming operation doesn’t finish correctly
in case that
RES falls low during programming operation. RES should be kept high for 10 ms after
the last data input.
VCC
RES
WE
or
CE
100
µs min
10 ms min
1
µs min
Program inhibit
Program inhibit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com