Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN58V66API-10 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HN58V66API-10
Description  64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66API-10 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HN58V66API-10 Datasheet HTML 13Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 14Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 15Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 16Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 17Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 18Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 19Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 20Page - Renesas Technology Corp HN58V66API-10 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
HN58V65AI/HN58V66AI/HN58V65A-SR/HN58V66A-SR Series
Rev.3.00, Feb.02.2004, page 17 of 26
Toggle Bit
This device provide another function to determine the internal programming cycle. If the EEPROM is set to
read mode during the internal programming cycle, I/O6 will charge from “1” to “0” (toggling) for each
read. When the internal programming cycle is finished, toggling of I/O6 will stop and the device can be
accessible for next read or program.
Toggle Bit Waveform
Notes: 1. I/O6 beginning state is “1”.
2. I/O6 ending state will vary.
3. See AC read characteristics.
4. Any address location can be used, but the address must be fixed.
WE
t
OES
OE
CE
Dout
I/O6
Dout
Dout
Dout
Next mode
t
OE
t
CE
t
DW
t
WC
t
OEH
*1
*2
*2
Address
*3
*3
*4
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com