Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 4 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 4 Page - Analog Devices

  OP481 Datasheet HTML 1Page - Analog Devices OP481 Datasheet HTML 2Page - Analog Devices OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
OP281/OP481
(@ VS =
5.0 V, TA = +25 C, unless otherwise noted.*)
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Note 1
0.1
1.5
mV
–40
∞C £ TA £ +85∞C
2.5
mV
Input Bias Current
IB
–40
∞C £ TA £ +85∞C3
10
nA
Input Offset Current
IOS
–40
∞C £ TA £ +85∞C
0.1
7
nA
Input Voltage Range
–5+4
V
Common-Mode Rejection
CMRR
VCM = –5.0 V to +4.0 V,
–40
∞C £ TA £ +85∞C65
95
dB
Large Signal Voltage Gain
AVO
RL = 1 M
W, VO = ±4.0 V,
5
13
V/mV
–40
∞C £ TA £ +85∞C2
V/mV
Offset Voltage Drift
VOS /DT
–40
∞C to +85∞C10
mV/∞C
Bias Current Drift
IB /DT
20
pA/
∞C
Offset Current Drift
IOS /DT
2
pA/
∞C
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 100 k
W to GND,
–40
∞C £ TA £ +85∞C
±4.925
±4.98
V
Short Circuit Limit
ISC
12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±1.35 V to ±6V,
–40
∞C £ TA £ +85∞C76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3.3
5
mA
–40
∞C £ TA £ +85∞C6
mA
DYNAMIC PERFORMANCE
Slew Rate
±SR
RL = 100 k
W, CL = 50 pF
28
V/ms
Gain Bandwidth Product
GBP
105
kHz
Phase Margin
o75
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
mV p-p
Voltage Noise Density
en
f = 1 kHz
85
nV/
÷Hz
Voltage Noise Density
en
f = 10 kHz
75
nV/
÷Hz
Current Noise Density
in
<1
pA/
÷Hz
*VOS is tested under a no load condition.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com