Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 10 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices OP481 Datasheet HTML 13Page - Analog Devices OP481 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
OP281/OP481
APPLICATIONS
Theory of Operation
The OPx81 family of op amps is comprised of extremely low
powered, rail-to-rail output amplifiers, requiring less than 4
mA
of quiescent current per amplifier. Many other competitors’
devices may be advertised as low supply current amplifiers but
draw significantly more current as the outputs of these devices
are driven to a supply rail. The OPx81’s supply current remains
under 4
mA even with the output driven to either supply rail.
Supply currents should meet the specification as long as the
inputs and outputs remain within the range of the power supplies.
Figure 1 shows a simplified schematic of a single channel for the
OPx81. A bipolar differential pair is used in the input stage.
PNP transistors are used to allow the input stage to remain
linear with the common-mode range extending to ground. This
is an important consideration for single-supply applications. The
bipolar front end also contributes less noise than a MOS front
end with only nano-amps of bias currents. The output of the op
amp consists of a pair of CMOS transistors in a common source
configuration. This setup allows the output of the amplifier to
swing to within millivolts of either supply rail. The headroom
required by the output stage is limited by the amount of current
being driven into the load. The lower the output current, the
closer the output can go to either supply rail. TPCs 7, 8, and 9
show the output voltage headroom versus load current. This
behavior is typical of rail-to-rail output amplifiers.
+IN
–IN
VEE
OUT
VCC
Figure 1. Simplified Schematic of a Single OPx81 Channel
Input Overvoltage Protection
The input stage to the OPx81 family of op amps consists of a
PNP differential pair. If the base voltage of either of these input
transistors drops to more than 0.6 V below the negative supply,
the input ESD protection diodes will become forward biased,
and large currents will begin to flow. In addition to possibly
damaging the device, this will create a phase reversal effect at
the output. To prevent these effects from happening, the input
current should be limited to less than 0.5 mA.
This can be done quite easily by placing a resistor in series with
the input to the device. The size of the resistor should be pro-
portional to the lowest possible input signal excursion and can
be found using the following formula:
R
=
VEE
-VIN, MIN
0.5
¥10-3
where:
VEE is the negative power supply for the amplifier.
VIN, MIN is the lowest input voltage excursion expected.
For example, a single channel of the OPx81 is to be used with a
single-supply voltage of +5 V where the input signal could possibly
go as low as –1 V. Because the amplifier is powered from a single
supply, VEE is ground, so the necessary series resistance should
be 2 k
W.
Input Offset Voltage
The OPx81 family of op amps was designed for low offset
voltages less than 1 mV.
OP281
VOUT
+3V
100k
100k
100k
100k
VIN = 1kHz AT
400mV p-p
–0.1V
–0.27V
Figure 2. Single OPx81 Channel Configured as
a Difference Amplifier Operating at VCM < 0 V
Input Common-Mode Voltage Range
The OPx81 is rated with an input common-mode voltage range
from VEE to 1 V under VCC. However, the op amp can still oper-
ate even with a common-mode voltage that is slightly less than VEE.
Figure 2 shows a single OPx81 channel configured as a difference
amplifier with a single-supply voltage of 3 V. Negative dc voltages
are applied at both input terminals creating a common-mode volt-
age that is less than ground. A 400 mV p-p input signal is then
applied to the noninverting input. Figure 3 shows the input and
output waves. Notice how the output of the amplifier also drops
slightly negative without distortion.
10
0%
100
90
0.2ms
0.1V
0V
VIN
VOUT
Figure 3. Input and Output Signals with VCM < 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com