Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 8 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
OP281/OP481
FREQUENCY – Hz
5
4
0
10
100
100k
1k
10k
3
2
1
VS = 5V
VIN = 4V p-p
RL = INFINITE
TA = 25 C
TPC 19. Maximum Output
Swing vs. Frequency
TEMPERATURE – C
4.5
1.5
0
–40 –20
0
20
40
60
80
100 120
3.5
2.0
1.0
0.5
3.0
2.5
VS = 5V
4.0
TPC 22. Supply Current/Amplifier
vs. Temperature
10
0%
100
90
0mV
A2
100µs
50mV
VS = 1.35V
AV = 1
RL = 100k
CL = 50pF
TA = +25 C
TPC 25. Small Signal Transient
Response
TEMPERATURE – C
4.0
1.5
0
–40 –20
0
20
40
60
80
100 120
3.5
2.0
1.0
0.5
3.0
2.5
VS = 3V
TPC 21. Supply Current/Amplifier
vs. Temperature
10
0%
100
90
0mV
A2
100µs
50mV
VS = 2.5V
AV = 1
RL = 100k
CL = 50pF
TA = +25 C
TPC 24. Small Signal Transient
Response
10
0%
100
90
0.50V
A2
100µs
500mV
VS = 2.75V
AV = 1
RL = 100k
CL = 50pF
TA = 25 C
TPC 27. Large Signal Transient
Response
FREQUENCY – Hz
3
0
10
100
100k
1k
10k
2
1
VS = 3V
VIN = 2V p-p
RL = INFINITE
TA = 25 C
TPC 20. Maximum Output
Swing vs. Frequency
SUPPLY VOLTAGE –
V
3.50
2.00
0.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
3.00
2.25
1.75
1.50
2.75
2.50
TA = 25 C
3.25
0.75
1.00
0.50
0.25
1.25
4.5 5.0 5.5 6.0
TPC 23. Supply Current/Amplifier
vs. Supply Voltage
10
0%
100
90
2.50V
A2
100µs
1V
VS = 5V
AV = 1
RL = 100k
CL = 50pF
TA = 25 C
TPC 26. Large Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com