Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 5 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 5 Page - Analog Devices

  OP481 Datasheet HTML 1Page - Analog Devices OP481 Datasheet HTML 2Page - Analog Devices OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
OP281/OP481
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP281GS
–40
∞C to +85∞C 8-Lead SOIC
R-8
OP281GRU
–40
∞C to +85∞C 8-Lead TSSOP
RU-8
OP481GS
–40
∞C to +85∞C 14-Lead SOIC
R-14
OP481GRU
–40
∞C to +85∞C 14-Lead TSSOP RU-14
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . GND to VS + 10 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±3.5 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Junction Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposures to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Type
JA*
JC
Unit
8-Lead SOIC (R)(S)
158
43
∞C/W
8-Lead TSSOP (RU)
240
43
∞C/W
14-Lead SOIC (R)(S)
120
3 6
∞C/W
14-Lead TSSOP (RU)
240
43
∞C/W
*
qJA is specified for the worst-case conditions, i.e., qJA is specified for device
soldered in circuit board for TSSOP and SOIC packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
OP281/OP481 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com