Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 13 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices OP481 Datasheet HTML 13Page - Analog Devices OP481 Datasheet HTML 14Page - Analog Devices OP481 Datasheet HTML 15Page - Analog Devices OP481 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
OP281/OP481
–13–
The OP281-A op amp provides about 29 dB of gain for audio
signals coming from the microphone. The gain is set by the
300 k
W and 11 kW resistors. The gain bandwidth product of the
amplifier is 95 kHz, which, for the set gain of 28, yields a –3dB
rolloff at 3.4 kHz. This is acceptable since telephone audio is band
limited for 300 kHz to 3 kHz signals. If higher gain is required
for the microphone, an additional gain stage should be used, as
adding any more gain to the OP281 would limit the audio band-
width. A 2.2 k
W resistor is used to bias the electret microphone.
This resistor value may vary depending on the specifications on
the microphone being used. The output of the microphone is ac-
coupled to the noninverting terminal of the op amp. Two 1 M
W
resistors are used to provide the dc offset for single-supply use.
The OP281-B amplifier can provide up to 15 dB of gain for the
headset speaker. Incoming audio signals are ac-coupled to a
10 k
W potentiometer that is used to adjust the volume. Again,
two 1 M
W resistors provide the dc offset with a 1 mF capacitor
establishing an ac ground for the volume control potentiometer.
Because the OP281 is a rail-to-rail output amplifier, it would have
difficulty driving a 600
W speaker directly. Here, a class AB buffer
is used to isolate the load from the amplifier and also provide
the necessary current drive to the speaker. By placing the buffer
in the feedback loop of the op amp, crossover distortion can be
minimized. Q1 and Q2 should have minimum betas of 100. The
600
W speaker is ac-coupled to the emitters to prevent any qui-
escent current from flowing in the speaker. The 1
mF coupling
capacitor makes an equivalent high-pass filter cutoff at 265 Hz
with a 600
W load attached. Again, this does not pose a problem,
as it is outside the frequency range for telephone audio signals.
The circuit in Figure 10 draws around 250
mA of current. The
class AB buffer has a quiescent current of 140
mA while roughly
100
mA is drawn by the microphone itself. A CR2032 3 V lithium
battery has a life expectancy of 160 mA hours, which means this
circuit could run continuously for 640 hours on a single battery.
SPICE Macro-Model
Single OPx81 Channel SPICE Macro-model
* 9/96, Ver. 1
*
* Copyright 1996 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of this
* model indicates your acceptance of the terms and provisions in the
* License Statement.
*
* Node Assignments
*
noninverting input
*|
inverting input
*|
|
positive supply
*|
|
|
negative supply
*|
|
|
|
output
*|
|
|
|
|
*|
|
|
|
|
.SUBCKT OPx81
1
2
99
50
45
*
* INPUT STAGE
*
Q1
4
1
3
PIX
Q2
6
7
5
PIX
I1
99
8
1.28E-6
EOS
7
2
POLY(1)
(12, 98) 80E-6 1
IOS
1
2
1E-10
RC1
4
50
500E3
RC2
6
50
500E3
RE1
3
8
108
RE2
5
8
108
V1
99
13
DC .9
V2
99
14
DC .9
D1
3
13
DX
D2
5
14
DX
*
* CMRR 76dB,
ZERO AT 1kHz
*
ECM1 11 98
POLY(2)
(1, 98) (2, 98) 0 .5 .5
R1
11 12
1.59E6
C1
11 12
100E-12
R2
12 98
283
*
* POLE AT 900kHz
*
EREF 98
0
(90, 0)
1
G1
98 20
(4, 6)
1E-6
R3
20 98
1E6
C2
20 98
177E-15
*
* POLE AT 500kHz
*
E2
21 98
(20, 98)
1
R4
21 22
1E6
C3
22 98
320E-15
*
* GAIN STAGE
*
CF
45
40
8. 5E-12
R5
40
98
65. 65E6
G3
98
40
(22, 98)
4.08E-7
D3
40
41
DX
D4
42
40
DX
V3
99
41
DC 0.5
V4
42
50
DC 0.5
*
* OUTPUT STAGE
*
ISY
99
50
1.375E-6
RS1
99
90
10E6
RS2
90
50
10E6
M1
45
46
99
99
POX L=1.5u
W=300u
M2
45
47
50
50
NOX L=1.5u
W=300u
EG1
99
46
POLY(1)
(98, 40)
0.77
1
EG2
47
50
POLY(1)
(40, 98)
0.77
1
*
* MODELS
*
.MODEL POX PMOS (LEVEL=2, KP=25E-6, VTO=-0.75,
LAMBDA=0.01)
.MODEL NOX NMOS (LEVEL=2, KP=25E-6, VTO=0.75,
LAMBDA=0.01)
.MODEL PIX
PNP
(BF=200)
.MODEL DX D(IS=1E-14)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com