Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL10B Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 9Page - Generalplus Technology Inc. GPL10B Datasheet HTML 10Page - Generalplus Technology Inc. GPL10B Datasheet HTML 11Page - Generalplus Technology Inc. GPL10B Datasheet HTML 12Page - Generalplus Technology Inc. GPL10B Datasheet HTML 13Page - Generalplus Technology Inc. GPL10B Datasheet HTML 14Page - Generalplus Technology Inc. GPL10B Datasheet HTML 15Page - Generalplus Technology Inc. GPL10B Datasheet HTML 16Page - Generalplus Technology Inc. GPL10B Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
13
May 29, 2014
Version: 1.5
5.11. Reset Function
The GPL10B can be reset by setting the RESET pin to ground
voltage and its operation starts when this pin is set to power
voltage.
Also an automatic reset function (internal reset function)
operates when power is turned on.
5.12. Watchdog Function
The GPL10B provides a watchdog timer.
The watchdog timer
must be reset when 2Hz wake-up by writing $0F; otherwise, it will
reset the system.
5.13. Mask Option
The following type mask option is available.
4MHz R Oscillator clock Resistor: Select one of A, B
A) Internal resistor
B) external resistor
CPUCK frequency: Select one of A, B
A). 1MHz
B). 2MHz
IOEF0 to IOEF5: Select one of A, B, C, D (Refer to
INPUT/OUTPUT)
A). Without Fixed Pull Low Resistor 200K-Ohm, with Feedback
MOS
B). With Fixed Pull Low Resistor 200K-Ohm, without Feedback
MOS
C). With Fixed Pull Low Resistor 200K,-Ohm with Feedback MOS
D). Without Fixed Pull Low Resistor 200K-Ohm, without Feedback
MOS
32768Hz clock source: Select one of A, B (Refer to R oscillator)
A). 32768Hz Crystal Oscillator
B). R Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com