Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL10B Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 10Page - Generalplus Technology Inc. GPL10B Datasheet HTML 11Page - Generalplus Technology Inc. GPL10B Datasheet HTML 12Page - Generalplus Technology Inc. GPL10B Datasheet HTML 13Page - Generalplus Technology Inc. GPL10B Datasheet HTML 14Page - Generalplus Technology Inc. GPL10B Datasheet HTML 15Page - Generalplus Technology Inc. GPL10B Datasheet HTML 16Page - Generalplus Technology Inc. GPL10B Datasheet HTML 17Page - Generalplus Technology Inc. GPL10B Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
14
May 29, 2014
Version: 1.5
6. I/O PORT CONFIGURATION
6.1. Input IOEF Port: IOEF0 to IOEF5
There are four different configurations in IOEF port.
They are shown as follows:
EF PORT (MASK OPTION)
:
EF PORT WRITE
GND
PL
GND
TYPE A
INPUT
D
Q
100K
30K
CK
30K
D
Q
200K
GND
GND
TYPE B
INPUT
PL
200K
30K
GND
CK
D
Q
100K
GND
PL
GND
TYPE C
INPUT
CK
GND
30K
D
Q
CK
TYPE D
INPUT
PL
6.2. Input/Output IOCD Port: IOCD0 to IOCD3
These four IOCD ports can be programmed to be INPUT or
OUTPUT pins independently.
These pins also can be used to
operate a thermometer by sense mode.
Their configurations are
shown as below:
D
Q
OUTPUT
INPUT
100K
GND
input
data
CK
:
CD PORT WRITE
CD PORT
The application circuit for sense mode:
Thermo-resistor
IOCD1
IOCD2
IOCD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com