Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL10B Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 12Page - Generalplus Technology Inc. GPL10B Datasheet HTML 13Page - Generalplus Technology Inc. GPL10B Datasheet HTML 14Page - Generalplus Technology Inc. GPL10B Datasheet HTML 15Page - Generalplus Technology Inc. GPL10B Datasheet HTML 16Page - Generalplus Technology Inc. GPL10B Datasheet HTML 17Page - Generalplus Technology Inc. GPL10B Datasheet HTML 18Page - Generalplus Technology Inc. GPL10B Datasheet HTML 19Page - Generalplus Technology Inc. GPL10B Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
16
May 29, 2014
Version: 1.5
7.4. The Relationships between the ROSC and the FOSC
7.4.1. VDD = 3.0V, TA = 25 ℃
7.4.2. VDD = 4.5V, TA = 25 ℃
7.5. The Relationships between the FOSC and the VDD
7.6. The Relationships between the FCPU and the IOP
0
0.5
1
1.5
01
2
3
Fcpu(MHz)
4
VDD = 3V
VDD = 4.5V
7.7. The Relationships between the ROSC32K and the F32K
7.7.1. VDD = 3.0V, TA = 25 ℃
0
10
20
30
40
50
60
70
0
5
10
15
20
25
Rosc(Mohms)
7.7.2. VDD = 4.5V, TA = 25 ℃
0
10
20
30
40
50
60
70
0
5
10
15
20
25
Rosc(Mohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com