Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL10B Datasheet(PDF) 17 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 17 Page - Generalplus Technology Inc.

Back Button GPL10B Datasheet HTML 13Page - Generalplus Technology Inc. GPL10B Datasheet HTML 14Page - Generalplus Technology Inc. GPL10B Datasheet HTML 15Page - Generalplus Technology Inc. GPL10B Datasheet HTML 16Page - Generalplus Technology Inc. GPL10B Datasheet HTML 17Page - Generalplus Technology Inc. GPL10B Datasheet HTML 18Page - Generalplus Technology Inc. GPL10B Datasheet HTML 19Page - Generalplus Technology Inc. GPL10B Datasheet HTML 20Page - Generalplus Technology Inc. GPL10B Datasheet HTML 21Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
17
May 29, 2014
Version: 1.5
7.8. The Relationships between the F32K and the VDD
26
28
30
32
34
36
12
3
4
56
VDD(V)
7
ROSC = 10Mohms
7.9. AC Characteristics
Limits
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test condition
OSC Frequency
FOSC
-
-
4.0
MHz
VDD = 2.0V
CPU Clock
FCPU
-
-
2.0
MHz
FCPU = FOSC/2 @ 2.0V
-
64
-
Hz
1/2 duty
-
85
-
Hz
1/3 duty
Frame Frequency of The LCD
Drive
FFM1
-
64
-
Hz
1/4 duty
Wake-up time
TW
6T1
-
-
Sec.
-
T1 = 1 / (FOSC), Tw = 3 x T1, FCPU = FOSC/2
Sleep
system
clock
CPU
clock
Wake-up
T1
TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com