Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL10B Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPL10B
Description  7KB LCD Controller/Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL10B Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPL10B Datasheet HTML 1Page - Generalplus Technology Inc. GPL10B Datasheet HTML 2Page - Generalplus Technology Inc. GPL10B Datasheet HTML 3Page - Generalplus Technology Inc. GPL10B Datasheet HTML 4Page - Generalplus Technology Inc. GPL10B Datasheet HTML 5Page - Generalplus Technology Inc. GPL10B Datasheet HTML 6Page - Generalplus Technology Inc. GPL10B Datasheet HTML 7Page - Generalplus Technology Inc. GPL10B Datasheet HTML 8Page - Generalplus Technology Inc. GPL10B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GPL10B
© Generalplus Technology Inc.
Proprietary & Confidential
5
May 29, 2014
Version: 1.5
5. FUNCTIONAL DESCRIPTIONS
5.1. ROM
The GPL10B provides 7.5K bytes ROM size of which 7K bytes for
program and data.
The other 0.5K bytes are for GENERALPLUS
internal test use, ranged from $0200 to $1FFF.
5.2. RAM
The GPL10B provides 96 bytes RAM.
The RAM is for both stack
and data storage, ranged from $00A0 to $00FF.
5.3. Memory and I/O Map
$0000
$001F
$00A0
$00FF
$0100
$01FF
$0200
$03FF
$0400
$1FFF
GENERALPLUS TEST PROGRAM
$05FF
$0600
H/W REGISTER,I/Os
USER RAM and STACK
DUMMY for ICE DEBUG
USER'S PROGRAM DATA
AREA ROM
USER'S PROGRAM DATA
AREA ROM
5.4. Oscillators
The GPL10B is a dual clock system.
One clock is for the CPU
and system and the other is for the LCD scanning and interrupt
sources.
5.4.1. R Oscillator for the CPU and system clock
5.4.1.1. Normal case
+VDD
5.4.1.2. Noisy environment
+VDD
Note:
Length of the wiring for ROSC pin should be minimized because the
oscillator frequency varies due to coupling from other signal lines.
1). 32768Hz crystal oscillator or R oscillator (mask option) for LCD
scanning and interrupt sources (2KHz, LCDL for LCD service,
128Hz, 2Hz).
We suggest enabling 32768Hz crystal in strong
mode for a few seconds and then switch to weak mode when
reset occurs.
X32I
X32O
C1
C2
32768Hz
32768Hz Crystal
Note:
Since each crystal has its own characteristics, Generalplus
recommends users consult the crystal vendor for appropriate C1/C2 values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com