Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8773S Datasheet(PDF) 7 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP8773S
Description  Second generation pre-conversIon PWM controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP8773S Datasheet(HTML) 7 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Back Button LP8773S Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 10Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP8773S Datasheet HTML 11Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LP8773S
第二代准谐振 PWM 控制器
LP8773S_CN_DS_Rev.1.3
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronicsLTD Confidential– Customer Use Only
内部结构框图
CS
4
FB
2
Adaptive Slope
compensation
82ms Delay
OCP &
Compensation
Soft start
CS floating
protection
GATE
Soft Gate
Driver
6
DEM
3
R
S
Q
LEB
4.7V
3.6V
OLP
Output OVP
QR or CCM mode
Digital Frequency
Foldback
Burst Mode
Digital Frequency
Jittering
Digital Anti-Jitter for
Valley Locking
PWM/PFM,
Logic,
Timer
&
Fault
Management
Load OVP
POR
VDD
5
9V/15V
32V
VDD OVP
35V
DEM
GND
1
AC Brownout
Protection
BOP
图 3 LP8773S 内部框图
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com