Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5381
Description  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5381 Datasheet HTML 6Page - Cirrus Logic CS5381 Datasheet HTML 7Page - Cirrus Logic CS5381 Datasheet HTML 8Page - Cirrus Logic CS5381 Datasheet HTML 9Page - Cirrus Logic CS5381 Datasheet HTML 10Page - Cirrus Logic CS5381 Datasheet HTML 11Page - Cirrus Logic CS5381 Datasheet HTML 12Page - Cirrus Logic CS5381 Datasheet HTML 13Page - Cirrus Logic CS5381 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
DS563F2
CS5381
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT
(Logic “0” = GND = 0 V; Logic “1” = VL, CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Output Sample Rate
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
Fs
Fs
Fs
2
50
100
-
-
-
54
108
216
kHz
kHz
kHz
OVFL to LRCK Edge Setup Time
tsetup
16/fsclk
--
s
OVFL to LRCK Edge Hold Time
thold
1/fsclk
--
s
OVFL time-out on overrange condition
Fs = 44.1, 88.2, 176.4 kHz
Fs = 48, 96, 192 kHz
-
-
740
680
-
-
ms
ms
MCLK Specifications
MCLK Period
tclkw
36
-
1953
ns
MCLK Duty Cycle
40
-
60
%
Master Mode
SCLK falling to LRCK transition
tmslr
-20
-
20
ns
SCLK falling to SDOUT valid
tsdo
-
-
32
ns
SCLK Duty Cycle
-50
-
%
Slave Mode
Single-Speed
Output Sample Rate
Fs
2
-
54
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
145
-
-
ns
SCLK Duty Cycle
45
50
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK transition
tslrd
-20
-
20
ns
Double-Speed
Output Sample Rate
Fs
50
-
108
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
145
-
-
ns
SCLK Duty Cycle
45
50
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK transition
tslrd
-20
-
20
ns
Quad-Speed
Output Sample Rate
Fs
100
-
216
kHz
LRCK Duty Cycle
40
50
60
%
SCLK Period
tsclkw
72
-
-
ns
SCLK Duty Cycle
45
50
55
%
SDOUT valid before SCLK rising
tstp
10
-
-
ns
SDOUT valid after SCLK rising
thld
5-
-
ns
SCLK falling to LRCK transition
tslrd
-8
-
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com