Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5381
Description  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5381 Datasheet HTML 12Page - Cirrus Logic CS5381 Datasheet HTML 13Page - Cirrus Logic CS5381 Datasheet HTML 14Page - Cirrus Logic CS5381 Datasheet HTML 15Page - Cirrus Logic CS5381 Datasheet HTML 16Page - Cirrus Logic CS5381 Datasheet HTML 17Page - Cirrus Logic CS5381 Datasheet HTML 18Page - Cirrus Logic CS5381 Datasheet HTML 19Page - Cirrus Logic CS5381 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
DS563F2
CS5381
3.2.2
Slave Mode
LRCK and SCLK operate as inputs in Slave mode. It is recommended that the left/right clock be synchro-
nously derived from the master clock and must be equal to Fs. It is also recommended that the serial clock
be synchronously derived from the master clock and be equal to 64x Fs to maximize system performance.
Refer to Table 3 for required clock ratios.
Table 3. CS5381 Slave Mode Clock Ratios
3.3
Power-Up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supplies, clocks and
configuration pins are stable. It is also recommended that reset be enabled if the analog or digital supplies
drop below the minimum specified operating voltages to prevent power glitch related issues.
The internal reference voltage must be stable for the device to produce valid data. Therefore, there is a de-
lay between the release of reset and the generation of valid output, due to the finite output impedance of
FILT+ and the presence of the external capacitance. This duration of this delay is less than 2500 LRCK cy-
cles.
3.4
Analog Connections
The analog modulator samples the input at 6.144 MHz. The digital filter will reject signals within the stop-
band of the filter. However, there is no rejection for input signals which are (n
× 6.144 MHz) the digital pass-
band frequency, where n=0,1,2,... Refer to Figure 24, which shows the suggested filter that will attenuate
any noise energy at 6.144 MHz in addition to providing the optimum source impedance for the modulators.
The use of capacitors which have a large voltage coefficient (such as general purpose ceramics) must be
avoided since these can degrade signal linearity. C0G capacitors are recommended for this application.
SAMPLE RATE (kHz)
MDIV = 0
MCLK (MHz)
MDIV = 1
MCLK (MHz)
32
8.192
16.384
44.1
11.2896
22.5792
48
12.288
24.576
64
8.192
16.384
88.2
11.2896
22.5792
96
12.288
24.576
176.4
11.2896
22.5792
192
12.288
24.576
Table 2. CS5381 Common Master Clock Frequencies
Single-Speed Mode
Fs = 2 kHz to 54 kHz
Double-Speed Mode
Fs = 50 kHz to 108 kHz
Quad-Speed Mode
Fs = 100kHz to 216kHz
MCLK/LRCK Ratio
256x, 512x
128x, 256x
64x*, 128x
SCLK/LRCK Ratio
64x, 128x
64x
64x
* Only available in Master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com