Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5381
Description  120 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5381 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5381 Datasheet HTML 1Page - Cirrus Logic CS5381 Datasheet HTML 2Page - Cirrus Logic CS5381 Datasheet HTML 3Page - Cirrus Logic CS5381 Datasheet HTML 4Page - Cirrus Logic CS5381 Datasheet HTML 5Page - Cirrus Logic CS5381 Datasheet HTML 6Page - Cirrus Logic CS5381 Datasheet HTML 7Page - Cirrus Logic CS5381 Datasheet HTML 8Page - Cirrus Logic CS5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
Features
! Advanced Multi-bit Delta-Sigma Architecture
! 24-bit Conversion
! 120 dB Dynamic Range
! -110 dB THD+N
! Supports All Audio Sample Rates Including
192 kHz
! 260 mW Power Consumption
! High-Pass Filter or DC Offset Calibration
! Supports Logic Levels between 5 and 2.5 V
! Differential Analog Architecture
! Low-Latency Digital Filtering
! Overflow Detection
! Pin-Compatible with the CS5361
General Description
The CS5381 is a complete analog-to-digital converter
for digital audio systems. It performs sampling, analog-
to-digital conversion, and anti-alias filtering - generating
24-bit values for both left and right inputs in serial form
at sample rates up to 216 kHz per channel.
The CS5381 uses a 5th-order, multi-bit delta-sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The ADC uses a differential architecture which provides
excellent noise rejection.
The CS5381 is available in 24-pin TSSOP and SOIC
packages for Commercial grade (-10° to +70° C). The
CDB5381 Customer Demonstration board is also avail-
able
for
device
evaluation
and
implementation
suggestions. Please refer to the “Ordering Information”
on page 22.
The CS5381 is ideal for audio systems requiring wide
dynamic range, negligible distortion, and low noise -
such as A/V receivers, DVD-R, CD-R, digital mixing
consoles, and effects processors.
Interface Supply
2.5 V to 5 V
Internal Voltage
Reference
Digital Supply
3.3 V to 5 V
Mode
Configuration
Analog Supply
5 V
Switch-Cap
ADC
Differential
Inputs
Digital
Filters
PCM Serial
Audio Output
Switch-Cap
ADC
Differential
Inputs
Digital
Filters
OVFL
HPF
Reset
JULY '05
DS563F2
CS5381


Similar Part No. - CS5381

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5381

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com